Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSH3-1205S/H3-R Datasheet(PDF) 4 Page - Recom International Power

Part # RSH3-1205S/H3-R
Description  3 Watt SMD DIP14 Single and Dual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSH3-1205S/H3-R Datasheet(HTML) 4 Page - Recom International Power

  RSH3-1205S/H3-R Datasheet HTML 1Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 2Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 3Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 4Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 5Page - Recom International Power RSH3-1205S/H3-R Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.recom-power.com
REV.: 0/2022
ECO-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RSH3
Series
Derating Graph
(@ Chamber and natural convection 0.1m/s)
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80
81
90
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
File Number
Standard
Audio/video, information and communication technology equipment. Safety requirements
E224736-A6025-UL
UL62368-1:2019 3rd Edition
CAN/CSA-C22.2 No. 62368-1:2019
Audio/Video, information and communication technology equipment - Part1: Safety requirements (CB)
2002009-1-CB
IEC62368-1:2014 2nd Edition
Audio/Video, information and communication technology equipment - Part1: Safety requirements
EN62368-1:2014 + A11:2017
Audio/Video, information and communication technology equipment - Part1: Safety requirements (CB)
2002009-3-CB
IEC62368-1:2018 3rd Edition
Audio/Video, information and communication technology equipment - Part1: Safety requirements
EN IEC 62368-1:2020 + A11:2020
RoHS2
RoHS-2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment – Emission Requirements
with external filter
refer to
“EMC Filtering”
EN55032:2015
Electromagnetic compatibility of multimedia equipment – Immunity requirements
EN55035:2017
Information technology equipment - Immunity characteristics - Limits and methods
of measurement
EN55024:2010+A1:2015
ESD Electrostatic discharge immunity test
Contact: ±2, 4kV
IEC61000-4-2:2008, Criteria A
EN61000-4-2:2009, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3, 10V/m: (80-1000MHz);
3V/m: (1800, 2600, 3500, 5000MHz)
IEC/EN61000-4-3:2006+A2:2010,
Criteria A
Fast Transient and Burst Immunity
DC Power Port: ±0.5, ±2kV
IEC/EN61000-4-4:2012, Criteria A
Surge Immunity
DC Power Port: ±0.5, ±1kV
IEC/EN61000-4-5:2014, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
DC Power Port:
3Vr.m.s. (0.15-10MHz)
3-1Vr.m.s. (10-30MHz)
1Vr.m.s. (30-50MHz)
10Vr.m.s. (0.15-80MHz)
IEC61000-4-6:2013, Criteria A
EN61000-4-6:2014, Criteria A
Power Magnetic Field Immunity
1A/m
IEC61000-4-8:2009
EN61000-4-8:2010
Limitations on the amount of electromagnetic interference allowed from digital and
electronic devices
Class B
FCC 47 CFR Part 15 Subpart B
continued on next page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com