Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF40102O2-1000U-A99 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MF40102O2-1000U-A99
Description  SPECIFICATION FOR APPROVAL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF40102O2-1000U-A99 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MF40102O2-1000U-A99 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 10Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 11Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
建 準 電 機
SUNONWEALTH
Page 8 of 14
III. OTHER SPECIFIED TESTING
The following is a general description of certain tests that are performed on representative
SUNON fans. Nothing in this document is intended to suggest that these tests are
performed on every model of SUNON fan. Moreover, the descriptions that follow each
test are meant only to provide a general explanation of each test. If you would like a more
detailed explanation as to any test identified in this Section, SUNON can provide such an
explanation upon request.
1.
DROP PROOF TEST
Fans are packaged in a standard size shipping box and are dropped to the ground from
certain heights and angles depending on the weight of the particular box.
2.
HUMIDITY PROOF TEST
The fan is operated for 96 continuous hours in an environment with humidity of 90% to
95% RH at 60°C  2°C.
3.
VIBRATION PROOF TEST
Vibration with an amplitude 2mm and a frequency of 5-55-5hz is applied in all 3
directions (X,Y,Z), in cycles of 1 hour each, for a total vibration time of 3hours.
4.
THERMAL CYCLING TEST
The fan is operated in a testing chamber for 50 cycles. In each cycle, the temperature is
gradually increased from -10°C to 70°C for 90 minutes, and subsequently operated at
70°C for 120 minutes. The temperature is then gradually decreased from 70°C to -10°C
for 90 minutes, and subsequently operated at -10°C for 120 minutes.
5.
SHOCK PROOF TEST
100G of force is applied in the 3 directions (X,Y, and Z) for 2 milliseconds each.
6.
LIFE EXPECTANCY
The “Life Expectancy” of SUNON fans is determined in SUNON’s reliability test
laboratory by using temperature chambers. The “Life Expectancy” of this fan has not been
evaluated for use in combination with any end application. Therefore, the Life Expectancy
Test Reports (L10 and MTTF Report) that relate to this fan are only for reference.
2017.09.11
D.C.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com