Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF40102O2-1000U-A99 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MF40102O2-1000U-A99
Description  SPECIFICATION FOR APPROVAL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF40102O2-1000U-A99 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MF40102O2-1000U-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 10Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 11Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 12Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 13Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
建 準 電 機
SUNONWEALTH
Page 10 of 14
4. RATED SPEED
Measured after continuous 10 minute operation at rated voltage in clean air
( STATIC PRESSURE=0), and at ambient temperature of 25 degrees C under shaft
horizontal condition.
5. STARTING VOLTAGE
Measured the voltage which enables to start the fan in the clean air (static pressure = 0 )
by switching on at the voltage under shaft horizontal condition. It is not at continuously
increasing voltage adjustment.
6. LOCKED ROTOR CURRENT
Measured immediately after the fan blade is locked.
7. AIR FLOW AND STATIC PRESSURE
The performance specification of air flow and static pressure shown in this specification for
approval is measured using the exhaust method. A double chamber is used in accordance
with AMCA 210 standard or DIN 24163 specification . The values are recorded when the
fan speed has stabilized at rated voltage.
8. INSULATION RESISTANCE
1. PLASTIC HOUSING:
(1) Measured between internal stator and lead wire(+).
(2) Measured between housing and lead wire(+).
2. ALUMINIUM HOUSING:
Measured between internal stator and lead wire(+).
9. DIELECTRIC STRENGTH
Measure between housing and lead wire(+).
2017.09.11
D.C.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com