Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF40102O2-1000U-A99 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MF40102O2-1000U-A99
Description  SPECIFICATION FOR APPROVAL
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF40102O2-1000U-A99 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MF40102O2-1000U-A99 Datasheet HTML 5Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 10Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 11Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 12Page - List of Unclassifed Manufacturers MF40102O2-1000U-A99 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
建 準 電 機
SUNONWEALTH
Page 9 of 14
IV. CHARACTERISTIC DEFINITION
The following is a general description of certain tests that are performed on
representative SUNON fans in order to determine the specifications of the fan. Nothing
in this document is intended to suggest that these tests are performed on every model of
SUNON fan. Moreover, the descriptions that follow each test are meant only to provide
a general explanation of each test. If you would like a more detailed explanation as to
any test identified in this Section, SUNON can provide such an explanation upon
request.
1. ACOUSTICAL NOISE
Measured in a semi-anechoic chamber with background noise level below 15dB(A).
1 METER FROM MICROPHONE TO FAN INTAKE
The fan is running in free air under shaft horizontal condition with the microphone at
distance of one meter from the fan intake.
2. INPUT POWER
Measured after continuous 10 minute operation at rated voltage in clean air
( STATIC PRESSURE=0), and at ambient temperature of 25 degrees C under shaft
horizontal condition.
3. RATED CURRENT
Measured after continuous 10 minute operation at rated voltage in clean air
( STATIC PRESSURE=0), and at ambient temperature of 25 degrees C under shaft
horizontal condition.
2017.09.11
D.C.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com