Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJA600F-36-R Datasheet(PDF) 7 Page - COSEL CO., LTD.

Part # PJA600F-36-R
Description  AC-DC Power Supplies Enclosed Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PJA600F-36-R Datasheet(HTML) 7 Page - COSEL CO., LTD.

Back Button PJA600F-36-R Datasheet HTML 3Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 4Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 5Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 6Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 7Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 8Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 9Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 10Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 11Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PJA-7
CONTROL
FAN
AC IN 85 - 264V
FG
RECTIFIER
OVER VOLTAGE
PROTECTION
CURRENT
SENSING
THERMAL
PROTECTION
NOISE
FILTER
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
DC OUT
FUSE
250V 10A
INVERTER
CONTROL
CONTROL
CONTROL
INVERTER
CURRENT
SENSING
RECTIFIER
AND
FILTER
BOOSTER
INDUCTOR
PJA300F
External view
Features
*1 This is the result of measurement of the testing board with capacitors of
22mF and 0.1mF placed at 150 mm from the output terminals by a 20
MHz oscilloscope or a ripple-noise meter equivalent to Keisoku-Giken
RM103.
See 1.6 of Instruction Manual for more details.
*2 Drift is the change in DC output for an eight hour period after a half-hour
warm-up at 25C.
*3 Consult us about dynamic load and input response.
*4 Output power derating is required. Refer to “Derating”.
*5 See 4 in Instruction Manual for more details.
*6 Consult us about safety agency approvals for the models with optional functions.
*7 The fan speed slows down at no load.
*8 Consult us about other classes.
*9 The RC terminal is added to option –R models. The RC terminal is
Block diagram
isolated from input, output, and FG.
*
Do not use the power supply in overcurrent conditions or in unspecified
input voltage ranges. Otherwise the internal components may be
damaged.
*
Parallel operation is not possible with this mode.
*
Sound noise may be heard from the power supply when used for
pulse load.
- Cost-effective
- Longer life (see Instruction Manual)
- Low profile (meets 1U height = 41 mm or 1.61 inches)
- Wide operating temperature range (-20 to +70 Refer to “Derating”)
- Slow fan speed at no load
- Complies with SEMI F-47
- Many optional functions
OTHERS
CASE SIZE/WEIGHT
102X41X190mm [4.02X1.61X7.48 inches] (Excluding terminal block and screw) (WXHXD) / 1.0kg max
COOLING METHOD
*7
Forced cooling (internal fan)
WARRANTY WARRANTY
*5
5 years (subject to the operating conditions)
SPECIFICATIONS
12.5
150±0.5
19.5
5max
190
150±0.5
20max
16.6±1.5
12.7±1.5 (potentiometer)
16.8±1.5 (LED)
Output voltage
adjustable potentiometer
Terminal cover
AIR FLOW
4-M4
Mounting Hole
(Bottom side)
4-M4
Mounting Hole
Name plate
FG( )
Output terminal(+)
Output terminal(–)
LED
AC(L)
AC(N)
M4
[0.65]
[0.66]
[0.5]
[0.79max]
[0.49]
[7.48]
[5.91]
[0.2max]
[0.77]
[5.91]
¶ Tolerance : ±1 [±0.04]
¶ Weight : 1.0kg max
¶ PCB Material/thickness : FR-4 / 1.6mm [0.06inches]
¶ Chassis material : Aluminum
¶ Case material : Galvanizing steel
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque : 1.2N m max
¶ Screw tightening torque : 1.6N m max
¶ Connect the input FG to safety earth ground.
The external size of –V option and –R option models is different from the standard model. See “6. Options and Others” in Instruction
Manual for more details.
June 25, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com