Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJA600F-36-R Datasheet(PDF) 3 Page - COSEL CO., LTD.

Part # PJA600F-36-R
Description  AC-DC Power Supplies Enclosed Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PJA600F-36-R Datasheet(HTML) 3 Page - COSEL CO., LTD.

  PJA600F-36-R Datasheet HTML 1Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 2Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 3Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 4Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 5Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 6Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 7Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 8Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PJA-3
Point A
Mounting hole
(Bottom side)
3-M3
Mounting hole
Terminal cover
2-M3
CN4
Connector for
Remote ON/OFF (option)
2
1
M3.5
Name plate
AC(L)
AC(N)
FG( )
Output terminal(–)
Output terminal(+)
Output voltage
adjustable potentiometer
LED
101
66.5±0.5
33.5
12.5max
109
19.5
76±0.5
4
[0.77]
[0.49]
[4.29]
[2.99]
[0.16]
[3.98]
[1.32]
[2.62]
14±1.5
[0.55]
15.3±1.5 (LED)
[0.6]
11.2±1.5 (potentiometer)
[0.44]
¶ Tolerance : ±1 [±0.04]
¶ Weight : 500g max
¶ PCB Material/thickness : FR-4 / 1.6mm [0.06inches]
¶ Chassis material : Aluminum
¶ Cover material : Galvanizing steel
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque : 0.49N-m max
¶ Screw tightening torque : M3.5 1.0N-m max
¶ Connect the input FG to safety earth ground.
PJA100F
External view
Features
*1 This is the result of measurement of the testing board with
capacitors of 22mF and 0.1mF placed at 150 mm from the
output terminals by a 20 MHz oscilloscope or a ripple-noise meter
equivalent to Keisoku-Giken RM103.
See 1.6 of Instruction Manual for more details.
When the load factor is 0 - 30%, the switching power loss is
reduced by burst operation, which will cause ripple and ripple
noise to go beyond the specifications.
*2 Drift is the change in DC output for an eight hour period after a half-
hour warm-up at 25C.
*3 Consult us about dynamic load and input response. Measure the output
voltage by using the average mode of the tester to deal with the burst
operation at 30% load or less.
*4 Output power derating is required. Refer to “Derating”.
*5 See 4 in Instruction Manual for more details.
*6 Consult us about safety agency approvals for the models with optional functions.
*7 Consult us about other classes.
*8 The RC terminal is added to option –R models. The RC terminal is isolated
Block diagram
The external size of –R option, –J option, –J1 option, –N2 option and –T option models is different from the standard model. See “6.
Options and Others” in Instruction Manual for more details.
from input, output, and FG.
*
Do not use the power supply in overcurrent conditions or in unspecified
input voltage ranges. Otherwise the internal components may be
damaged.
*
Parallel operation is not possible with this mode.
*
Sound noise may be heard from the power supply when used for
pulse load.
OTHERS
CASE SIZE/WEIGHT
41X97X109mm [1.61X3.82X4.29 inches] (Excluding terminal block and screw) (WXHXD) / 500g max
COOLING METHOD
Convection
WARRANTY WARRANTY
*5
5 years (subject to the operating conditions)
AC IN 85 - 264V
FG
DC OUT
RC(-R)
RECTIFIER
OVER VOLTAGE
PROTECTION
CURRENT
SENSING
NOISE
FILTER
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
FUSE
250V 3.15A
INVERTER
CONTROL
EXTERNAL
SOURCE
CONTROL
INVERTER
CURRENT
SENSING
RECTIFIER
AND
FILTER
BOOSTER
INDUCTOR
- Compact design (Depth: 109mm 4.29inches)
- High efficiency (88%typ PJA100F-24, AC230Vin, 100% load)
- Low power consumption (1.5W typ AC240Vin, no load at standard model)
- UL508 approved (Except option -J, -J1), and complies with SEMI F47 (see instruction manual 1.1)
- Various connection interface options (vertical terminal [-T], AMP connector [-J], [-J1])
SPECIFICATIONS
June 25, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com