Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJA600F-36-R Datasheet(PDF) 13 Page - COSEL CO., LTD.

Part # PJA600F-36-R
Description  AC-DC Power Supplies Enclosed Type
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

PJA600F-36-R Datasheet(HTML) 13 Page - COSEL CO., LTD.

Back Button PJA600F-36-R Datasheet HTML 8Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 9Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 10Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 11Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 12Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 13Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 14Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 15Page - COSEL CO., LTD. PJA600F-36-R Datasheet HTML 16Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PJA-13
PJA1500F
Features
*1 This is the result of measurement of the testing board with capacitors of
22mF and 0.1mF placed at 150 mm from the output terminals by a 20
MHz oscilloscope or a ripple-noise meter equivalent to Keisoku-Giken
RM103.
See 1.6 of Instruction Manual for more details.
*2 Consult us about dynamic load and input response.
*3 Drift is the change in DC output for an eight hour period after a half-hour
warm-up at 25C.
*4 Output power derating is required. Refer to “Derating”.
*5 Consult us about other classes.
*6 The fan speed slows down or stops at no load.
*7 See 4 in Instruction Manual for more details.
External view
Block diagram
FAN
External source
AC IN 85 - 264V
FG
RECTIFIER
OVER VOLTAGE
PROTECTION
THERMAL
PROTECTION
DETECTING
OUTPUT VOLTAGE
PARALLEL-OPERATION
CIRCUIT
CURRENT
SENSING
NOISE
FILTER
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
DC OUT
LV alarm (-W)
Remote sensing (-W)
Current balance (-W)
RC (-R)
FUSE
250V 30A
INVERTER
CONTROL
CONTROL
CONTROL
CONTROL
INVERTER
CURRENT
SENSING
RECTIFIER
AND
FILTER
BOOSTER
INDUCTOR
*8 Consult us about safety agency approvals for the models with
optional functions.
*
Do not use the power supply in overcurrent conditions or in unspecified
input voltage ranges. Otherwise the internal components may be damaged.
*
Parallel operation is not possible with this mode.
*
Audible noise may be heard from the power supply when used for pulse load.
OTHERS
CASE SIZE/WEIGHT
178X61X268mm [7.01X2.40X10.55 inches] (Excluding terminal block and screw) (WXHXD) / 3.5kg max
COOLING METHOD
*6
Forced cooling (internal fan)
WARRANTY WARRANTY
*7
5 years (subject to the operating conditions)
SPECIFICATIONS
- Cost-effective
- Longer life (see Instruction Manual)
- Low profile (meets 2U height = 61 mm or 2.4 inches)
- Wide operating temperature range (-20 to +70 Refer to
“Derating”)
- Stop or slow fan speed at no load
Name plate
M4
AC(L)
AC(N)
FG( )
LED
Output terminal(+)
Output terminal(-)
Output voltage
adjustable potentiometer
Input terminal cover
Mounting hole
(Bottom side)
4-M4
AIR FLOW
8-M4
Mounting hole
(Both sides)
2-f9
4-M4
16±1.5
11.7±1.5 (potentiometer)
[0.46]
[0.63]
4max
268
38max
[10.55]
[0.16max]
[0.91max]
23max
[1.5max]
[0.62]
15.8±1.5 (LED)
[0.28]
[0.51]
7
13
30
[1.18]
215±0.5
[8.46]
[1.18]
[8.46]
30
215±0.5
¶ Tolerance : ±1 [±0.04]
¶ Weight : 3.5kg max
¶ PCB Material/thickness : FR-4 / 1.6mm [0.06inches]
¶ Chassis material : Galvanizing steel
¶ Case material : Galvanizing steel
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque : 1.5N-m max
¶ Screw tightening torque : 1.6N-m max
¶ Output terminal M4 tightening torque : 1.2N-m max
¶ Connect the input FG to safety earth ground.
The external size of –V option, –W option and –R option models is different from the standard model. See “6. Options and Others” in
Instruction Manual for more details.
June 25, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com