Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGFS40 Datasheet(PDF) 18 Page - COSEL CO., LTD.

Part # MGFS40
Description  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS40 Datasheet(HTML) 18 Page - COSEL CO., LTD.

Back Button MGFS40 Datasheet HTML 14Page - COSEL CO., LTD. MGFS40 Datasheet HTML 15Page - COSEL CO., LTD. MGFS40 Datasheet HTML 16Page - COSEL CO., LTD. MGFS40 Datasheet HTML 17Page - COSEL CO., LTD. MGFS40 Datasheet HTML 18Page - COSEL CO., LTD. MGFS40 Datasheet HTML 19Page - COSEL CO., LTD. MGFS40 Datasheet HTML 20Page - COSEL CO., LTD. MGFS40 Datasheet HTML 21Page - COSEL CO., LTD. MGFS40 Datasheet HTML 22Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MG-69
MGFS40
DC-DC Converters PCB Mount Type
MGF
S
40
24
05
-O
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
6Optional
G: Capacitor between
Input and Output is removed.
R : with Remote ON/OFF
(Positive logic control)
R
1
2
3
4
5
6
MODEL
MGFS40053R3 MGFS400505
MGFS400512
MGFS400515
MGFS40243R3 MGFS402405
MGFS402412
MGFS402415
MAX OUTPUT WATTAGE[W]
26.4
30
30
30
33
40
40.8
40.5
DC OUTPUT
VOLTAGE[V]
*1
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
8
6
2.5
2
10
8
3.4
2.7
SPECIFICATIONS
MODEL
MGFS40053R3 MGFS400505
MGFS400512
MGFS400515
MGFS40243R3 MGFS402405
MGFS402412
MGFS402415
INPUT
VOLTAGE[V]
DC4.5 - 13 (Surge Voltage 15V, 100ms max)
DC9 - 36 (Surge Voltage 50V, 100ms max)
CURRENT[A]
*2
6.21typ
6.90typ
6.90typ
6.82typ
1.54typ
1.83typ
1.85typ
1.83typ
EFFICIENCY[%]
*2
85typ
87typ
87typ
88typ
89typ
91typ
92typ
92typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
3.3
5
12
15
CURRENT[A]
8
6
2.5
2
10
8
3.4
2.7
LINE REGULATION[mV]
13.2max
20max
48max
60max
13.2max
20max
48max
60max
LOAD REGULATION[mV]
13.2max
20max
48max
60max
13.2max
20max
48max
60max
RIPPLE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
75max
75max
100max
100max
-40 to -20C 100max
100max
120max
120max
100max
100max
120max
120max
RIPPLE NOISE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
75max
75max
100max
100max
-40 to -20C 150max
150max
150max
150max
150max
150max
150max
150max
TEMPERATURE REGULATION[mV]
-20 to +60C 50max
50max
150max
180max
50max
50max
150max
180max
-40 to +60C 80max
80max
240max
290max
80max
80max
240max
290max
DRIFT[mV]
*4
20max
20max
48max
60max
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Rated load)
OUTPUT VOLTAGE ADJUSTMENT RANGE Fixed (TRM pin open) ±10% adjustable by external VR
OUTPUT VOLTAGE SETTING[V]*5 3.296 - 3.404
4.975 - 5.137
11.857 - 12.243 14.839 - 15.321 3.296 - 3.404
4.975 - 5.137
11.857 - 12.243 14.839 - 15.321
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION Work over 115 to 140% of rating
REMOTE ON/OFF
Provided (Negative logic L:ON, H:OFF)
MODEL
MGFS40483R3
MGFS404805
MGFS404812
MGFS404815
MAX OUTPUT WATTAGE[W]
33
40
40.8
40.5
DC OUTPUT
VOLTAGE[V]
*1
3.3
5
12
15
CURRENT[A]
10
8
3.4
2.7
SPECIFICATIONS
MODEL
MGFS40483R3
MGFS404805
MGFS404812
MGFS404815
INPUT
VOLTAGE[V]
DC18 - 76 (Surge Voltage 100V, 100ms max)
CURRENT[A]
*2
0.77typ
0.92typ
0.92typ
0.92typ
EFFICIENCY[%]
*2
89typ
91typ
92typ
92typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
10
8
3.4
2.7
LINE REGULATION[mV]
13.2max
20max
48max
60max
LOAD REGULATION[mV]
13.2max
20max
48max
60max
RIPPLE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
-40 to -20C 100max
100max
120max
120max
RIPPLE NOISE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
-40 to -20C 150max
150max
150max
150max
TEMPERATURE REGULATION[mV]
-20 to +60C 50max
50max
150max
180max
-40 to +60C 80max
80max
240max
290max
DRIFT[mV]
*4
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Rated load)
OUTPUT VOLTAGE ADJUSTMENT RANGE Fixed (TRM pin open) ±10% adjustable by external VR
OUTPUT VOLTAGE SETTING[V]*5 3.296 - 3.404
4.975 - 5.137
11.857 - 12.243
14.839 - 15.321
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION Work over 115 to 140% of rating
REMOTE ON/OFF
Provided (Negative logic L:ON, H:OFF)
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com