Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGFS40 Datasheet(PDF) 22 Page - COSEL CO., LTD.

Part # MGFS40
Description  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS40 Datasheet(HTML) 22 Page - COSEL CO., LTD.

Back Button MGFS40 Datasheet HTML 18Page - COSEL CO., LTD. MGFS40 Datasheet HTML 19Page - COSEL CO., LTD. MGFS40 Datasheet HTML 20Page - COSEL CO., LTD. MGFS40 Datasheet HTML 21Page - COSEL CO., LTD. MGFS40 Datasheet HTML 22Page - COSEL CO., LTD. MGFS40 Datasheet HTML 23Page - COSEL CO., LTD. MGFS40 Datasheet HTML 24Page - COSEL CO., LTD. MGFS40 Datasheet HTML 25Page - COSEL CO., LTD. MGFS40 Datasheet HTML 26Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MG-73
MGFS80
DC-DC Converters PCB Mount Type
MGF
S
80
24
05
-O
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
6Optional
G: Capacitor between
Input and Output is removed.
R : with Remote ON/OFF
(Positive logic control)
R
1
2
3
4
5
6
MODEL
MGFS80243R3
MGFS802405
MGFS802412
MGFS802415
MAX OUTPUT WATTAGE[W]
59.4
80
80.4
81
DC OUTPUT
VOLTAGE[V]
*1
3.3
5
12
15
CURRENT[A]
18
16
6.7
5.4
SPECIFICATIONS
MODEL
MGFS80243R3
MGFS802405
MGFS802412
MGFS802415
INPUT
VOLTAGE[V]
DC9 - 36 (Surge Voltage 50V, 100ms max)
CURRENT[A]
*2
2.69typ
3.60typ
3.56typ
3.59typ
EFFICIENCY[%]
*2
92typ
93typ
94typ
94typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
18
16
6.7
5.4
LINE REGULATION[mV]
13.2max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
RIPPLE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
-40 to -20C 100max
100max
120max
120max
Io=0 to 10% 200max
200max
240max
240max
RIPPLE NOISE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
-40 to -20C 150max
150max
150max
150max
Io=0 to 10% 250max
250max
270max
270max
TEMPERATURE REGULATION[mV]
-20 to +60C 50max
50max
150max
180max
-40 to +60C 80max
80max
240max
290max
DRIFT[mV]
*4
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Rated load)
OUTPUT VOLTAGE ADJUSTMENT RANGE Fixed (TRM pin open) ±10% adjustable by external VR
OUTPUT VOLTAGE SETTING[V]*5 3.296 - 3.404
4.975 - 5.137
11.857 - 12.243
14.839 - 15.321
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION Work over 115 to 140% of rating
REMOTE ON/OFF
Provided (Negative logic L:ON, H:OFF)
MODEL
MGFS80483R3
MGFS804805
MGFS804812
MGFS804815
MAX OUTPUT WATTAGE[W]
59.4
80
80.4
81
DC OUTPUT
VOLTAGE[V]
*1
3.3
5
12
15
CURRENT[A]
18
16
6.7
5.4
SPECIFICATIONS
MODEL
MGFS80483R3
MGFS804805
MGFS804812
MGFS804815
INPUT
VOLTAGE[V]
DC18 - 76 (Surge Voltage 100V, 100ms max)
CURRENT[A]
*2
1.35typ
1.80typ
1.78typ
1.80typ
EFFICIENCY[%]
*2
92typ
93typ
94typ
94typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
18
16
6.7
5.4
LINE REGULATION[mV]
13.2max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
RIPPLE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
-40 to -20C 100max
100max
120max
120max
Io=0 to 10% 200max
200max
240max
240max
RIPPLE NOISE[mVp-p]
*3
-20 to +60C 75max
75max
100max
100max
-40 to -20C 150max
150max
150max
150max
Io=0 to 10% 250max
250max
270max
270max
TEMPERATURE REGULATION[mV]
-20 to +60C 50max
50max
150max
180max
-40 to +60C 80max
80max
240max
290max
DRIFT[mV]
*4
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Rated load)
OUTPUT VOLTAGE ADJUSTMENT RANGE Fixed (TRM pin open) ±10% adjustable by external VR
OUTPUT VOLTAGE SETTING[V]*5 3.296 - 3.404
4.975 - 5.137
11.857 - 12.243
14.839 - 15.321
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION Work over 115 to 140% of rating
REMOTE ON/OFF
Provided (Negative logic L:ON, H:OFF)
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com