Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGFS40 Datasheet(PDF) 26 Page - COSEL CO., LTD.

Part # MGFS40
Description  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS40 Datasheet(HTML) 26 Page - COSEL CO., LTD.

Back Button MGFS40 Datasheet HTML 20Page - COSEL CO., LTD. MGFS40 Datasheet HTML 21Page - COSEL CO., LTD. MGFS40 Datasheet HTML 22Page - COSEL CO., LTD. MGFS40 Datasheet HTML 23Page - COSEL CO., LTD. MGFS40 Datasheet HTML 24Page - COSEL CO., LTD. MGFS40 Datasheet HTML 25Page - COSEL CO., LTD. MGFS40 Datasheet HTML 26Page - COSEL CO., LTD. MGFS40 Datasheet HTML 27Page - COSEL CO., LTD. MGFS40 Datasheet HTML 28Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
¿
MG15/MG40 Single Output and Dual (±) Output
¿
MG30/MG80 Single Output and Dual (±) Output
6
5
4
3
2
1
TRM
RC
-Vout
+Vout
-Vin
+Vin
Input
Load
<Top view>
(a) Single Output
6
5
4
3
2
1
COM
RC
Load
Load
-Vout
+Vout
-Vin
+Vin
Input
Load
<Top view>
(b) Dual (±) Output
6
5
4
3
2
1
-Vout
RC
Load
TRM
+Vout
-Vin
+Vin
Input
<Top view>
(a) Single Output
6
5
4
3
2
1
COM
RC
Load
Load
-Vout
+Vout
-Vin
+Vin
Input
Load
<Top view>
(b) Dual (±) Output
Installation
¡
When two or more power supplies are used side by side, position them with proper intervals to allow enough air ventilation. Ambient tem-
perature around each power supply should not exceed the temperature range shown in “Derating”.
Soldering Conditions
(1) Flow Soldering : 260ª 15 seconds or less
(2) Soldering Iron : maximum 360ª 5 seconds or less
Stress to Pin
¡
Applying excessive stress to the input or output pins of the power module may damage internal
connections. Avoid applying stress in excess of that shown in right figure.
¡
Input/output pin are soldered to the PCB internally. Do not pull or bend a lead powerfully.
¡
If it is expected that stress is applied to the input/output pin due to vibration or impact, reduce
the stress to the pin by taking such measures as fixing the unit to the PCB by silicone rubber,
etc.
¡
Due to prevent failure, PS should not be pulled after soldering with PCB.
19.6N (2kgf)
or less
19.6N (2kgf)
or less
Pin No.
Pin Name
Function
1
+Vin
+DC Input
2
-Vin
-DC Input
3
RC
Remote ON/OFF
4
+Vout
+DC Output
5
TRM
Output Voltage Adjustment (Refer to
instruction manual 1.5)
COM
GND of Output Voltage (for Dual Output)
6
-Vout
-DC Output
Pin No.
Pin Name
Function
1
+Vin
+DC Input
2
-Vin
-DC Input
3
RC
Remote ON/OFF
4
+Vout
+DC Output
5
-Vout
-DC Output (for Single Output)
COM
GND of Output Voltage (for Dual Output)
6
TRM
Output Voltage Adjustment (Refer to
instruction manual 1.5)
-Vout
-DC Output (for Dual Output)
MG-77
Assembling and Installation Method
Pin configuration
MG15,MG30,MG40,MG80-series
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com