Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAD128 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LEOAD128
Description  Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAD128 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LEOAD128 Datasheet HTML 4Page - STMicroelectronics LEOAD128 Datasheet HTML 5Page - STMicroelectronics LEOAD128 Datasheet HTML 6Page - STMicroelectronics LEOAD128 Datasheet HTML 7Page - STMicroelectronics LEOAD128 Datasheet HTML 8Page - STMicroelectronics LEOAD128 Datasheet HTML 9Page - STMicroelectronics LEOAD128 Datasheet HTML 10Page - STMicroelectronics LEOAD128 Datasheet HTML 11Page - STMicroelectronics LEOAD128 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
5
Radiations
Total ionizing dose (TID):
For the qualification, the product is characterized in TID as per MIL-STD-883 TM 1019 up to 50 krad(Si) on 5
biased parts at high dose rate (between 50 and 300 rad(Si)/s), such a rate being the worst condition for a pure
CMOS technology.
All parameters provided in Table 6. Electrical characteristics apply to both pre- and post-irradiation.
Each new production lot is tested at high dose rate as per MIL-STD-883 TM 1019 on 5 parts.
Heavy-ions:
Single event latchup (SEL) is characterized at 125 °C at a LET of 62.5 MeV.cm2/mg. The test shows the product
is immune to heavy ions at this LET. Heavy-ion trials are performed on qualification lots only.
The results in radiation are summarized in Table 7. Radiations as follows:
Table 7. Radiations
Symbol
Characteristics
Value
TID (1)
•
High-dose rate (50-to-300 rad (Si)/s)
•
Temperature: 25 °C
•
Performed on 5 biased parts
Within Table 6. Electrical characteristics up to 50
krad(Si)
SEL(2)
•
LET: 62.5 MeV.cm2/mg (Xenon ions)
•
Temperature: 125 °C
•
Fluence: 1 x 107 ions/cm2 (10 million of particles per cm²)
•
Normal incidence
Immune to SEL up to
62.5 MeV.cm2/mg
1. A total ionizing dose (TID) of 50 krad(Si) is equivalent to 500 Gy(Si), (1 gray = 100 rad).
2. SEL: single event latchup.
LEOAD128
Radiations
DS13668 - Rev 2
page 8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com