Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAD128 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LEOAD128
Description  Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAD128 Datasheet(HTML) 4 Page - STMicroelectronics

  LEOAD128 Datasheet HTML 1Page - STMicroelectronics LEOAD128 Datasheet HTML 2Page - STMicroelectronics LEOAD128 Datasheet HTML 3Page - STMicroelectronics LEOAD128 Datasheet HTML 4Page - STMicroelectronics LEOAD128 Datasheet HTML 5Page - STMicroelectronics LEOAD128 Datasheet HTML 6Page - STMicroelectronics LEOAD128 Datasheet HTML 7Page - STMicroelectronics LEOAD128 Datasheet HTML 8Page - STMicroelectronics LEOAD128 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2
Maximum ratings and operating conditions
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
AVCC(1)
Maximum analog power supply between AVCC and AGND
-0.3 to 4.8
V
DVCC(1) Maximum digital power supply between DVCC and DGND
-0.3 to AVCC+0.3 (and 4.8 V max.)
V
Vi(2)
Max. voltage on any pin vs. GND
-0.3 to AVCC+0.3 (and 4.8 V max.)
V
li
Max input current at any pin
+/-10
mA
Tstg
Maximum temperature storage
-65 to +150
°C
Tj
Maximum junction temperature
+150
°C
Rth(3)
Junction-to-ambient thermal resistance (Ɵja)
80
°C/W
Junction-to-case thermal resistance (Ɵjc)
17
°C/W
ESD
HBM (human body model)
4 k
V
CDM (charged device model)
1 k
1. All voltages, except differential I/O bus voltage, are with respect to the network ground terminal.
2. When the input voltage at any pin exceeds the power supplies (that is VIN < AGND or VIN > AVCC or DVCC), the current
at that pin should be limited to 10 mA. The 20 mA maximum package input current rating limits the number of pins that can
safely exceed the power supplies with an input current of 10 mA to two.
3. Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on the amplifiers.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All values are referred to GND.
Table 5. Operating conditions
Symbol
Parameter
Min.
Max.
Unit
AVCC
Analog supply voltage
2.7
3.6
V
DVCC
Digital supply voltage
AVCC - 0.15 V
AVCC + 0.15 V
V
VINA
Analog input voltage range
0
AVCC
V
VIND
Digital input voltage
0
AVCC
V
SCLK
Clock frequency
0.8
16
MHz
Ta
Ambient temperature range
-40
+125
°C
Note:
All unused inputs must be held at VCC or GND to ensure proper device operation.
LEOAD128
Maximum ratings and operating conditions
DS13668 - Rev 2
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com