Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAD128 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LEOAD128
Description  Rad-hard plastic 8-channel, 1 Msps 12-bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAD128 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LEOAD128 Datasheet HTML 8Page - STMicroelectronics LEOAD128 Datasheet HTML 9Page - STMicroelectronics LEOAD128 Datasheet HTML 10Page - STMicroelectronics LEOAD128 Datasheet HTML 11Page - STMicroelectronics LEOAD128 Datasheet HTML 12Page - STMicroelectronics LEOAD128 Datasheet HTML 13Page - STMicroelectronics LEOAD128 Datasheet HTML 14Page - STMicroelectronics LEOAD128 Datasheet HTML 15Page - STMicroelectronics LEOAD128 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
9.1
[Package name] package information
Figure 6. TSSOP-20 package outline
Table 8. TSSOP-20 package mechanical data
Symbol
Milimeters
Inches(1)
Min.
Typ.
Max.
Min
Typ
Max
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
c
0.09
0.20
0.004
D
6.4
6.5
6.6
0.252
0.256
0.260
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K
0°
8°
0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
1. Values in inches are converted from mm and rounded to 4 decimal digits.
LEOAD128
Package information
DS13668 - Rev 2
page 12/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com