Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFOSC04K02V Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHFOSC04K02V
Description  Rad-hard, crystal oscillator driver and divider
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFOSC04K02V Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHFOSC04K02V Datasheet HTML 2Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 3Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 4Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 5Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 6Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 7Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 8Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 9Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
VDD = +3.3 V, VSS = GND, C-load = 18 pF (see Figure 5. Phase noise, Fclk = 120 MHz, Vcc = 3.3 V), enabled
(EN = VDD), Tamb = -55 °C to +125 °C, unless otherwise specified.
Table 6. AC electrical characteristics
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
Tr
Output rise time
90%/10%, CL = 18 pF
2.2
ns
90%/10%, CL = 2 pF
0.4
90%/10%, CL = 10 pF(1)
1
1.3
1.6
Tf
Output fall time
90%/10%, CL = 18 pF
2.2
90%/10%, CL = 2 pF
0.4
90%/10%, CL = 10 pF(1)
1
1.3
1.6
PhN
Phase noise on Q0
at 250 Hz
Fclk = 16 MHz
-110
dBc
/Hz
at 170 Hz
Fclk = 120 MHz
-100
Jt
RMS Jitter
At 1 MHz
Fclk = 16 MHz
4
ps
DL1
Drive level
Crystal using H1 (first harmonic),
Fclk = 16 MHz to 25 MHz
100
µW
DL3
Crystal using H3 (third harmonic),
Fclk = 25 MHz to 120 MHz
200
Dtc(1)
Duty-cycle on Q0
Fclk = 16 MHz
45
50
55
%
1. Guaranteed by design and characterization
RHFOSC04
Electrical characteristics
DS13330 - Rev 1
page 6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com