Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFOSC04K02V Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHFOSC04K02V
Description  Rad-hard, crystal oscillator driver and divider
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFOSC04K02V Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHFOSC04K02V Datasheet HTML 4Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 5Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 6Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 7Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 8Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 9Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 10Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 11Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Figure 5. Phase noise, Fclk = 120 MHz, Vcc = 3.3 V
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
10000
100000
Frequency (Hz)
Figure 6. Phase noise, Fclk = 60 MHz, Vcc = 3.3 V
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
10000
100000
Frequency (Hz)
RHFOSC04
Electrical characteristics
DS13330 - Rev 1
page 8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com