Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFOSC04K02V Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHFOSC04K02V
Description  Rad-hard, crystal oscillator driver and divider
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFOSC04K02V Datasheet(HTML) 4 Page - STMicroelectronics

  RHFOSC04K02V Datasheet HTML 1Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 2Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 3Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 4Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 5Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 6Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 7Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 8Page - STMicroelectronics RHFOSC04K02V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3
Radiations
Total dose (MIL-STD-883 TM 1019):
The products guaranteed in radiation within the RHA QML-V system fully comply with the MIL-STD-883 TM 1019
specification.
The RHFOSC04 is RHA QML-V, tested and characterized in full compliance with the MIL-STD-883 specification,
between 50 and 300 rad/s only (full CMOS technology).
All parameters provided in Table 5. DC electrical characteristics and Table 6. AC electrical characteristics apply to
both pre- and post-irradiation, as follows:
•
All tests are performed in accordance with MIL-PRF-38535 and test method 1019 of MIL-STD-883 for total
ionizing dose (TID)
•
The initial characterization is performed in qualification only on both biased and unbiased parts
•
Each wafer lot is tested at high dose rate only, in the worst bias case condition, based on the results
obtained during the initial qualification
Heavy ions:
The behavior of the product, when submitted to heavy ions, is not tested in production. Heavy-ion trials are
performed on qualification lots only.
Table 4. Radiations
Symbol
Characteristics
Value
Unit
TID (1)
High-dose rate (50 to 300 rad (Si) per second)
300
krad
SEL (2)
Performed at 125°C with a particle angle of 60°
and a fluence of 1 x 107 n/cm2 (10 millions of particles per cm²)
125
MeV.cm²/mg
Performed at 125°C with a particle angle of 0°
and a fluence of 1 x 107 n/cm2 (10 millions of particles per cm²)
62
SET (3)
Performed at 25°C
125
1. A total ionizing dose (TID) of 300 krad(Si) is equivalent to 3000 Gy(Si), (1 gray = 100 rad).
2. SEL: single event latch-up.
3. SET: single event transient.
RHFOSC04
Radiations
DS13330 - Rev 1
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com