Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHV64SW Datasheet(PDF) 1 Page - STMicroelectronics

Part # STHV64SW
Description  64-channel (±100 V / -200 to 0 V / 0 to 200 V), low harmonic distortion, high voltage analog independent switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV64SW Datasheet(HTML) 1 Page - STMicroelectronics

  STHV64SW Datasheet HTML 1Page - STMicroelectronics STHV64SW Datasheet HTML 2Page - STMicroelectronics STHV64SW Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
•
200 V peak-to-peak input and output signal
•
Three different operating ranges:
–
From -100 V to +100 V
–
From 0 V to 200 V
–
From -200 V to 0 V
•
Very fast input slew rate (40 V/ns without load)
•
Only +3.3 V low voltage supply
•
Rail-to-rail input signal
•
Low on-resistance
•
Very low cross-talk between channels
•
Low parasitic capacitance
•
42 kΩ bleed resistor on the outputs
•
Thermal and undervoltage protection
•
Latch-up free
•
Control through serial interface
•
20 MHz data shift clock frequency
•
Cascadable serial register with latches
Applications
•
Medical ultrasound imaging
•
NDT ultrasound transmission
•
Piezoelectric transducer drivers
•
Industrial
Description
The STHV64SW is an integrated circuit which features 64 independent switches. It is
designed for medical ultrasound applications, but can also be used for driving
piezoelectric, capacitive or MEMS transducers, and in industrial application such as
generic high voltage switches.
The STHV64SW comprises a shift register for serial communication, self-biased high
voltage MOSFET gate drivers, high power N-channel MOSFETs, bleed resistance for
each switch, thermal sensor and undervoltage lockout. Moreover, the STHV64SW
includes self-biasing and thermal shutdown blocks. The switches are capable of
providing up to ±3 A peak output current.
Product status link
STHV64SW
Product summary
Order code
STHV64SW
Package
BGA-196
Packing
Tray
64-channel (±100 V / -200 to 0 V / 0 to 200 V), low harmonic distortion, high
voltage analog independent switches
STHV64SW
Databrief
DB3874 - Rev 1 - March 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STHV64SW

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
STHV PANDUIT-STHV Datasheet
601Kb / 2P
Hyper-V In-Line Cable Ties and Mounts
3/2016
STHV PANDUIT-STHV Datasheet
81Kb / 1P
Cable Tie Tools – Installer Controlled Tension and Cut-Off
logo
Inchange Semiconductor ...
STHV102 ISC-STHV102 Datasheet
269Kb / 2P
isc N-Channel MOSFET Transistor
STHV102FI ISC-STHV102FI Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
More results

Similar Description - STHV64SW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
logo
Ralston Instruments.
GAUG-0200 RALSTON-GAUG-0200 Datasheet
336Kb / 1P
0-200 psig Analog Test Gauge
logo
New Jersey Semi-Conduct...
2N2326 NJSEMI-2N2326 Datasheet
94Kb / 1P
SCR, V(DRM) = 200 V TO 299.9 V
logo
Littelfuse
S6015L53 LITTELFUSE-S6015L53 Datasheet
218Kb / 12P
High voltage capability ??200 V to 1000 V
logo
Micropac Industries
53289 MICROPAC-53289 Datasheet
48Kb / 2P
0 to 115 V, 100-200 mA
logo
Supertex, Inc
HV2705 SUTEX-HV2705 Datasheet
943Kb / 8P
Low Harmonic Distortion, 16-Channel, High Voltage, Analog Switches with Bleed Resistors
logo
Schneider Electric
RMCA61BD SCHNEIDER-RMCA61BD Datasheet
142Kb / 6P
Harmony analog, Isolated analog converter, 0...15 A current to 0??0 V or 4...20 mA
Sep 13, 2021
RMCV60BD SCHNEIDER-RMCV60BD Datasheet
132Kb / 6P
Harmony analog, Isolated analog converter, 0.. 500 V voltage to 0....10 V or 4..20 mA
Sep 13, 2021
logo
Microchip Technology
HV2605 MICROCHIP-HV2605 Datasheet
474Kb / 30P
16-Channel Low Harmonic Distortion High-Voltage Analog Switches
Revision C (May 2022)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com