Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60400SAG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH60400SAG
Description  Rad-Hard 60 A - 400 V fast recovery rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60400SAG Datasheet(HTML) 2 Page - STMicroelectronics

  STTH60400SAG Datasheet HTML 1Page - STMicroelectronics STTH60400SAG Datasheet HTML 2Page - STMicroelectronics STTH60400SAG Datasheet HTML 3Page - STMicroelectronics STTH60400SAG Datasheet HTML 4Page - STMicroelectronics STTH60400SAG Datasheet HTML 5Page - STMicroelectronics STTH60400SAG Datasheet HTML 6Page - STMicroelectronics STTH60400SAG Datasheet HTML 7Page - STMicroelectronics STTH60400SAG Datasheet HTML 8Page - STMicroelectronics STTH60400SAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Characteristics
1.1
Absolute maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
IO(1)
Average output rectified current
60
A
IFSM(2)
Forward surge current
tp = 10 ms sinusoidal
500
A
Tj
Maximum junction temperature
+175
°C
Tstg
Storage temperature range
-65 to +175
°C
Tsol(3)
Soldering temperature
+245
°C
1. At Tj ≥ +29.2 °C, derate linearly to 0 A at +175 °C.
2. At Tamb ≤ +25 °C
3. Duration 5 seconds maximum with at least 3 minutes between consecutive temperature peaks.
1.2
Thermal parameters
Table 2. Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c) (1)
Thermal resistance, junction to case
1.8
°C/W
Rth(j-a)
Thermal resistance, junction to ambient
55
°C/W
1. Package mounted on infinite heatsink.
STTH60400HR
Characteristics
DS11815 - Rev 3
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com