Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60400SAG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH60400SAG
Description  Rad-Hard 60 A - 400 V fast recovery rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60400SAG Datasheet(HTML) 1 Page - STMicroelectronics

  STTH60400SAG Datasheet HTML 1Page - STMicroelectronics STTH60400SAG Datasheet HTML 2Page - STMicroelectronics STTH60400SAG Datasheet HTML 3Page - STMicroelectronics STTH60400SAG Datasheet HTML 4Page - STMicroelectronics STTH60400SAG Datasheet HTML 5Page - STMicroelectronics STTH60400SAG Datasheet HTML 6Page - STMicroelectronics STTH60400SAG Datasheet HTML 7Page - STMicroelectronics STTH60400SAG Datasheet HTML 8Page - STMicroelectronics STTH60400SAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SMD1
The upper metallic lid is not internally connected to any pin, nor to the IC die inside the package
1 and 2
3
Anode
Cathode
Variant 01
Features
•
Very small conduction losses
•
Negligible switching losses
•
High surge current capability
•
Hermetic package
•
TID and SEE tested
•
Package mass: 2.3 g
•
ESCC qualified : 5103/032
Description
The STTH60400HR is a single monolithic rectifier assembled in an SMD1 hermetic
package and tested in total dose at high dose rate and in single event effect to be
used in Rad-Hard applications.
The ESCC Detail Specification for this device is available from the European Space
Agency web site. ST guarantees full compliance of qualified parts with the ESCC
detailed specification.
Product status link
STTH60400HR
Product summary
IF(AV)
60 A
VRRM
400 V
Tj(max)
175 °C
VF(max) at 60 A / 125 °C
1.15 V
Rad-Hard 60 A - 400 V fast recovery rectifier
STTH60400HR
Datasheet
DS11815 - Rev 3 - June 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH60400SAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH6002C STMICROELECTRONICS-STTH6002C Datasheet
62Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH6002C STMICROELECTRONICS-STTH6002C Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
STTH6002CPI STMICROELECTRONICS-STTH6002CPI Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
STTH6002CW STMICROELECTRONICS-STTH6002CW Datasheet
62Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH6002CW STMICROELECTRONICS-STTH6002CW Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
More results

Similar Description - STTH60400SAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF310 STMICROELECTRONICS-RHF310 Datasheet
467Kb / 22P
Rad-hard 400 μA high-speed operational amplifier
27-Jul-2011
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH40200CHR STMICROELECTRONICS-STTH40200CHR Datasheet
1Mb / 12P
Rad-Hard 40 A - 200 V fast recovery rectifier
16-Dec-2020
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
Rad-hard 60 V, 0.6 A PNP transistor
10-Feb-2022
2N3810HR STMICROELECTRONICS-2N3810HR Datasheet
359Kb / 14P
Rad-Hard 60 V, 0.05 A PNP dual matched transistor
08-Sep-2020
JANS2ST3360K STMICROELECTRONICS-JANS2ST3360K Datasheet
272Kb / 12P
Rad-Hard 60 V, 0.8 A NPN and PNP complementary transistors
09-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com