Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH60400SAG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH60400SAG
Description  Rad-Hard 60 A - 400 V fast recovery rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60400SAG Datasheet(HTML) 3 Page - STMicroelectronics

  STTH60400SAG Datasheet HTML 1Page - STMicroelectronics STTH60400SAG Datasheet HTML 2Page - STMicroelectronics STTH60400SAG Datasheet HTML 3Page - STMicroelectronics STTH60400SAG Datasheet HTML 4Page - STMicroelectronics STTH60400SAG Datasheet HTML 5Page - STMicroelectronics STTH60400SAG Datasheet HTML 6Page - STMicroelectronics STTH60400SAG Datasheet HTML 7Page - STMicroelectronics STTH60400SAG Datasheet HTML 8Page - STMicroelectronics STTH60400SAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.3
Electrical characteristics
Limiting value per diodes, unless otherwise specified.
Table 3. Static electrical characteristics
Symbol
Parameter
MIL-STD-750 test method
Test conditions(1)
Min. Max. Unit
IR
Reverse leakage current
4016
DC method, VR = 400 V
Tj = 25 °C
-
20
µA
Tj = 125 °C
-
200
VF (2)
Forward voltage drop
4011
IF = 60 A
Tj = -55 °C
-
1.35
V
Tj = 25 °C
-
1.30
Tj = 125 °C
-
1.15
1. Test performed with both anode terminals 2 and 3 tied together
2. Pulse width ≤ 680 µs, duty cycle ≤ 2%
Table 4. Dynamic electrical characteristics
Symbol
Parameter
MIL-STD-
750 test
method
Test conditions
Min. Typ. Max. Unit
C(1)
Junction capacitance
4001
Tj = 25 °C
VR = 10 V, F = 1 MHz
-
250
pF
trr
Reverse recovery time
4031
Tj = 25 °C
IF = 1 A, dIF/dt = -50 A/µs, VR = 30 V
-
80
ns
tfr(2)
Forward recovery time
4026
Tj = 25 °C
IF = 60 A, VFR = 2 V, dIF/dt = 100 A/μs
-
690
ns
VFP
Forward recovery
voltage
4026
Tj = 25 °C
IF = 60 A, VFR = 2 V, dIF/dt = 100 A/μs
-
3
V
IRM
Reverse recovery
current
4031
Tj = 125 °C IF = 20 A, dIF/dt = -200 A/µs, VR = 160 V
-
19
A
QRR
Reverse recovery
charges
4031
-
1400
nC
Sfactor Softness factor
4031
-
0.3
1. By default, guaranteed by sampling. Guaranteed by a 100% test in case the sampling acceptance criteria is not met.
2. AC characteristics (trr, tfr, Vfr, IRM, Sfactor and Qrr) are guaranteed by design and characterization. They are not tested in
production.
STTH60400HR
Electrical characteristics
DS11815 - Rev 3
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com