Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA3000XP-AMA Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SSA3000XP-AMA
Description  Spectrum Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSA3000XP-AMA Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SSA3000XP-AMA Datasheet HTML 10Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 11Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 12Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 13Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 14Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 15Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 16Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 17Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
12
SSA3000X Plus Analyzer DataSheet
Tracking Generator
Frequency Parameter
SSA3015X Plus
SSA3021X Plus
SSA3032X Plus
SSA3075X Plus
Frequency Range
5M Hz~1.5 GHz
100 kHz~2.1 GHz 100 kHz~3.2 GHz
100 kHz~7.5 GHz
Frequency Resolution
1 Hz, Zero Span
RBW, sweep mode
100 Hz ~ 1 MHz
3k Hz ~ 3 MHz
Power Parameter
Output level
-20 dBm~0 dBm
-40 dBm~0 dBm
Output level resolution
1 dB
Output flatness
+/-3 dB (nom.)
Normalization Trace
Ref A/B/C/D-> Ref trace
VSWR
< 2 (nom.)
Connector and Impendence N-type female, 50 Ω
Average safe reverse power Total: 30 dBm (1 W)
Maximum safe reverse level Voltage: ± 50 VDC
Advanced Measurement Kit
Power Measurement
CHP, Channel Power
Channel Power, Power Spectral Density
ACPR, Adjacent Channel Power
Ratio
Main CH Power, Left channel power, Right channel power
OBW, Occupied Bandwidth
Occupied Bandwidth, Transmit Frequency Error
T-Power, Time Domain Power
Zero Span Integrated Power
CNR, Carrier Noise Ratio
C/N, Noise Power
Non-Linear Measurement
Harmonic measurement
Max Harmonic number 10
TOI, Third-Order Intercept
Measure the third-order products from two tones
Spectrum Monitor Measurement
Spectrogram
Reflection Measurement
Stimulus and Measurement
SSA3015X Plus
SSA3021X Plus
SSA3032X Plus
SSA3075X Plus
Frequency Range
5 MHz~1.5 GHz
100 kHz~2.1 GHz 100 kHz~3.2 GHz
100 kHz~7.5 GHz
RBW
100 Hz ~ 1 MHz
3k Hz ~ 3 MHz
Stimulus Power
-20 ~ 0 dBm
Format
VSWR, Return Loss, Reflection Coefficient
Calibration
Open Cal, Open + Short, Open + Load
Marker Function
N dB BW, Q measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com