Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA3000XP-AMA Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SSA3000XP-AMA
Description  Spectrum Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSA3000XP-AMA Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SSA3000XP-AMA Datasheet HTML 12Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 13Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 14Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 15Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 16Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 17Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 18Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 19Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SSA3000X Plus Analyzer DataSheet
15
Inputs and Outputs
Front Panel
RF input, Port 2
N-type female, 50 Ω (nom.)
TG Source, Port 1
N-type female, 50 Ω (nom.)
USB host
USB-A plug, version 2.0
Ear Phone Jack
3.5 mm
Rear Panel
USB device
USB-B plug, version 2.0
LAN
10/100 Base, RJ-45
10 MHz reference output
10 MHz, >0 dBm, BNC-type female, 50 Ω (nom.)
10 MHz reference input
10 MHz, -5 to +10 dBm, BNC-type female, 50 Ω (nom.)
External trigger input
5V TTL level, BNC-type female, 10 kΩ
Remote Control
Communication Interface
LAN, USB Device, USB Host (USB-GPIB adaptor)
Remote Control Capability
SCPI / Labview / IVI based on USB-TMC / VXI-11 / Socket / Telnet;
NI-MAX;
Web Browser (HTML 5 Supported);
Easy Spectrum software;
File Explorer (FTP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com