Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSA3000XP-AMA Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # SSA3000XP-AMA
Description  Spectrum Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSA3000XP-AMA Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button SSA3000XP-AMA Datasheet HTML 12Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 13Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 14Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 15Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 16Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 17Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 18Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 19Page - List of Unclassifed Manufacturers SSA3000XP-AMA Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
16
SSA3000X Plus Analyzer DataSheet
General Specification
Structure
SSA3015X Plus
SSA3021X Plus
SSA3032X Plus
SSA3075X Plus
Weight
Net: 4.40 kg (9.7 lb);
Shipping: 5.20 kg
Net: 4.70 kg (10.0 lb);
Shipping: 5.50 kg
Dimensions
393 mm × 207 mm × 116.5 mm (W× H× D)
Display
TFT LCD, 1024 × 600, 10.1 inch multi-touch screen
Storage
Internal (Flash) 256 MB, external (USB storage device) 32 GByte
Working Environment
Source
AC voltage range: 100-240 V, 50/60 Hz or 100-120 V 400 Hz;
Power consumption
35 W
70 W
Temperature
Working temperature: 0 °C to 40 °C,
Storage temperature: -20 °C to 70 °C
Humidity
0 °C to 30 °C, ≤ 95% Relative humidity
30 °C to 50 °C, ≤ 75% Relative humidity
Altitude
Operating: less than 3 km
Electromagnetic Compatibility
EN 61326-1: 2013 /
EN 61000-3-2: 2014
Class A (The active input power of the EUT is less than 75 W. According to EN
61000-3-2, no limits are necessary.)
EN 61000-3-3: 2013
Plt: 0.65 Pst: 1.00, dmax: 4.00 % dc: 3.00 %
dt Lim: 3.30 % dt>Lim: 500ms
IEC 61000-4-2: 2008
AD ±8.0 kV, CD ±4.0 kV
IEC 61000-4-3: 2006 +
A1: 2007 + A2: 2010
80 MHz to 1000 MHz: 10V/m, 1.4 GHz to 2.0 GHz:3 V/m,
2.0 GHz to 2.7 GHz:1V/m
IEC 61000-4-4: 2004 +
A1: 2010
AC Line:±2.00 kV
IEC 61000-4-5: 2005
Line to Line: 1.0 kV, Line to Earth: 2.0 kV
IEC 61000-4-6: 2008
0.15-80 MHz:3 V 1 KHz 80% AM
IEC 61000-4-8: 2009
30 A/m, 50/60 Hz
IEC 61000-4-11: 2004
Voltage Dips:0%/0.5P; 40%/10P; 70%/25P;
Short Interruptions Test Level % UT: 0%/250P
Safety
IEC 61010-1:2010/EN 61010-1:2010
CAN/CSA-C22.2 No.61010-1:2012,
CAN/CSA-C22.2 No.61010-2-30:2012,
UL 61010-1:2012,
UL 61010-2-30:2012
RoHS
2011/65/EU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com