Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16010 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST16010
Description  10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16010 Datasheet(HTML) 3 Page - STMicroelectronics

  ST16010 Datasheet HTML 1Page - STMicroelectronics ST16010 Datasheet HTML 2Page - STMicroelectronics ST16010 Datasheet HTML 3Page - STMicroelectronics ST16010 Datasheet HTML 4Page - STMicroelectronics ST16010 Datasheet HTML 5Page - STMicroelectronics ST16010 Datasheet HTML 6Page - STMicroelectronics ST16010 Datasheet HTML 7Page - STMicroelectronics ST16010 Datasheet HTML 8Page - STMicroelectronics ST16010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Electrical characteristics
(TC= 25 °C unless otherwise specified).
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS= 0 V, ID= 1 mA
90
V
IDSS
Zero-gate voltage drain
current
VGS= 0 V, VDS= 75 V
1
µA
IGSS
Gate-body leakage current
VGS= -6/10 V, VDS=0 V
±100
nA
VGS(th)
Gate threshold voltage
VDS= 10 V, ID= 50 µA
1.5
2.5
V
VGS(Q)
Gate quiescent voltage
VDS = 1 V, IDS = 100 mA
2.0
5.0
V
IDS(on)
Static drain-source on-current VGS = 10 V, VDS = 100 mV
2.5
A
RDS(on)
Drain-source on-state
resistance
VGS = 10 V, VDS = 100 mV
1
Ω
VDS(on)
Static drain-source on-
resistance
VGS= 1 V, ID= 100 mA
250
mV
Ciss
Common source input
capacitance
VGS= 0 V, VDD= 28 V, f = 1 MHz
15
pF
Coss
Common source output
capacitance
5.7
Crss
Common source feedback
capacitance
0.4
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POUT
Output power
f=930 MHz
1dB compression
-
10
W
GPS
Power gain
-
23
dB
ηD
Drain efficiency
-
58
%
VSWR
Load mismatch
@ POUT = 10 W all phases
-
20:1
Note:
VDD= 28 V, IDQ = 100 mA, pulsed CW, pulse width=10 μs, duty cycle = 10%
ST16010
Electrical characteristics
DS12651 - Rev 3
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com