Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16010 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST16010
Description  10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16010 Datasheet(HTML) 4 Page - STMicroelectronics

  ST16010 Datasheet HTML 1Page - STMicroelectronics ST16010 Datasheet HTML 2Page - STMicroelectronics ST16010 Datasheet HTML 3Page - STMicroelectronics ST16010 Datasheet HTML 4Page - STMicroelectronics ST16010 Datasheet HTML 5Page - STMicroelectronics ST16010 Datasheet HTML 6Page - STMicroelectronics ST16010 Datasheet HTML 7Page - STMicroelectronics ST16010 Datasheet HTML 8Page - STMicroelectronics ST16010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2.1
Typical performance
Figure 1. Power gain and efficiency versus output power
(f =930MHz, VDD= 28V, IDQ= 0.1A)
GADG220620181120P
25
24
23
22
21
20
19
18
17
90
80
70
60
50
40
30
20
10
0
2
4
6
8
10
12
Gain
(dB)
POUT (W)
μD
(%)
Figure 2. Typical capacitance characteristics
GIPG220620181142CVR
18
16
14
12
10
8
6
4
2
0
0
5
10
15
20
25
30
35
C
(pF)
VDS (V)
CISS
COSS
CRSS
f = 1 MHz
Figure 3. Typical transfer characteristics
GADG220620181133RID
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
2
4
6
8
10
ID
(A)
VGS (V)
VDS=10 V
Figure 4. Gain and efficiency versus frequency @ POUT=10 W (broadband, 30 - 512 MHz)
30
40
50
60
70
80
14
16
18
20
22
24
20
120
220
320
420
520
Frequency (MHz)
GPS
ηD
GADG160320211045SA
ST16010
Typical performance
DS12651 - Rev 3
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com