Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16010 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST16010
Description  10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16010 Datasheet(HTML) 1 Page - STMicroelectronics

  ST16010 Datasheet HTML 1Page - STMicroelectronics ST16010 Datasheet HTML 2Page - STMicroelectronics ST16010 Datasheet HTML 3Page - STMicroelectronics ST16010 Datasheet HTML 4Page - STMicroelectronics ST16010 Datasheet HTML 5Page - STMicroelectronics ST16010 Datasheet HTML 6Page - STMicroelectronics ST16010 Datasheet HTML 7Page - STMicroelectronics ST16010 Datasheet HTML 8Page - STMicroelectronics ST16010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MM
2
3
1
Pin connection
Pin
Connection
1
Drain
2
Source (bottom side)
3
Gate
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
ST16010
930 MHz
28 V
10 W
23 dB
58%
High efficiency and linear gain operations
Integrated ESD protection
Internally input matched for ease of use
Large positive and negative gate-source voltage range for improved class C
operation
In compliance with the european directive 2002/95/EC
Applications
Telecom and wideband communication
Industrial, scientific and medical
Avionics
Description
The ST16010 is a 10 W, 28 V LDMOS transistor designed for wideband radio,
Avionics and ISM applications at frequencies up to 1.6 GHz.
Product status link
ST16010
Product summary
Order code
ST16010
Marking
ST16010
Package
MM
Packing
Tape and reel 13"
Base / Bulk qty
300/300
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
ST16010
Datasheet
DS12651 - Rev 3 - May 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST16010

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ST16002D LITTELFUSE-ST16002D Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
logo
STMicroelectronics
ST16045 STMICROELECTRONICS-ST16045 Datasheet
23Mb / 13P
45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
18-Mar-2021
ST160NF3LL STMICROELECTRONICS-ST160NF3LL Datasheet
174Kb / 7P
N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET™ II POWER MOSFET
May 2002
More results

Similar Description - ST16010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
16-Mar-2021
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF2L16180CB4 STMICROELECTRONICS-RF2L16180CB4 Datasheet
2Mb / 12P
180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
21-Apr-2021
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
28-Sep-2021
RF3L05250CB4 STMICROELECTRONICS-RF3L05250CB4 Datasheet
490Kb / 12P
250 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
29-Sep-2021
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
01-Oct-2021
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
22-Sep-2021
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
ST05250 STMICROELECTRONICS-ST05250 Datasheet
599Kb / 17P
250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com