Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4148 Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4148
Description  Small-Signal high speed switching diode in bare die form
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4148 Datasheet(HTML) 2 Page - Silicon Supplies

  CD4148 Datasheet HTML 1Page - Silicon Supplies CD4148 Datasheet HTML 2Page - Silicon Supplies CD4148 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100V 0.3A Fast Switching Diode
- CD4148
Absolute Maximum Ratings1 T
J = 25°C unless otherwise stated
PARAMETER
SYMBOL
Rev 1.0
22/01/19
VALUE
UNIT
Non-repetitive Peak Reverse Voltage
VRSM
105
V
Repetitive Peak Reverse Voltage
VRRM
100
V
Average Rectified Forward Current
IO
200
mA
DC Forward Current
IF
300
mA
Recurrent Peak Forward Current
If
400
mA
Pulse width 1s
1
Non-repetitive
Peak forward surge current
IFSM
Pulse width 1µs
4
A
Power Dissipation
PD
Electrical Characteristics T
J = 25°C unless otherwise stated
200
mW
Operating Junction temperature
TJ
-55 to 175
°C
Storage Temperature Range
TSTG
-65 to 200
°C
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
IR = 100µA
100
-
-
V
Breakdown Voltage
VR
IR = 5µA
75
-
-
V
IF = 5mA
-
-
0.72
IF = 20mA
-
-
1
Forward Voltage
2
VF
V
IF = 100mA
-
-
1
VR = 20V
-
-
0.025
VR = 20V, TJ = 150°C
-
-
50
VR = 75V
-
-
5
Reverse Leakage
IR
VR = 100V
-
-
10
µA
Total Capacitance
CT
VR = 0V, f = 1MHz
-
-
4
pF
Reverse Recovery Time
trr
IF = 10mA, VR = 6V (600mA)
Irr = 1mA, RL = 100Ω
-
-
4
ns
2. Pulse Width = 8.3ms, Non-recurrent square wave
Page 2 of 3
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com