Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4148 Datasheet(PDF) 3 Page - Silicon Supplies

Part # CD4148
Description  Small-Signal high speed switching diode in bare die form
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4148 Datasheet(HTML) 3 Page - Silicon Supplies

  CD4148 Datasheet HTML 1Page - Silicon Supplies CD4148 Datasheet HTML 2Page - Silicon Supplies CD4148 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev 1.0
22/01/19
Typical Characteristics T
J = 25°C unless otherwise stated
100V 0.3A Fast Switching Diode
- CD4148
FIGURE 1. Forward Voltage Characteristics
FIGURE 2. Leakage Current Versus Temperature
Page 3 of 3
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With
respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon
Supplies Ltd hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or
system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human
body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other
persons may be endangered.
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com