Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4148 Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD4148
Description  Small-Signal high speed switching diode in bare die form
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4148 Datasheet(HTML) 1 Page - Silicon Supplies

  CD4148 Datasheet HTML 1Page - Silicon Supplies CD4148 Datasheet HTML 2Page - Silicon Supplies CD4148 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
100V 0.3A Fast Switching Diode
- CD4148
Small-Signal high speed switching diode in bare die form
Fast Switching Speed
350 x 350
13.78 x 13.78
µm
Die Size (Unsawn)
mils
Anode Pad Size
110 Ø
2.8 Ø
µm
mils
Die Thickness
230 (±15)
9.05 (±0.59)
High conductance
General purpose switching applications
High reliability tested grades.
Rev 1.0
22/01/19
Features:
Die Dimensions in µm (mils)
110 (3)
ANODE
350 (14)
No suffix - MIL-STD-750 /2073 Visual Inspection
“H” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – By specific request
ANODE
CHIP BACKSIDE IS CATHODE
The following part suffixes apply:
Ordering Information
Unsawn Wafer – By specific request
µm
mils
Top Metal Composition
Al
Die Thickness <> 230µm(9 Mils) – On request
With additional electrical selection – On request
Back Metal Composition
AuAs
Page 1 of 3
www.siliconsupplies.com


Similar Part No. - CD4148

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD4148 CDI-DIODE-CD4148 Datasheet
78Kb / 2P
SWITCHING DIODE CHIPS
logo
Microsemi Corporation
CD4148 MICROSEMI-CD4148 Datasheet
99Kb / 2P
SWITCHING DIODE CHIPS
logo
First Components Intern...
CD4148 FCI-CD4148 Datasheet
163Kb / 4P
SWITCHING CHIP DIODE Mechanical Dimensions
CD4148 FCI-CD4148 Datasheet
117Kb / 2P
LEADLESS CHIP SIGNAL DIODE High Speed Switching
logo
Nanjing International G...
CD4148WN DGNJDZ-CD4148WN Datasheet
2Mb / 6P
Switching Diode
More results

Similar Description - CD4148

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBD4448HAQW TSC-MBD4448HAQW Datasheet
199Kb / 2P
Switching Diode Small Signal Diode Fast switching speed
logo
Silicon Supplies
BZX55C10 SS-BZX55C10 Datasheet
313Kb / 3P
Silicon P lanar Zener diode in bare die form
BZX55C2V4 SS-BZX55C2V4 Datasheet
276Kb / 3P
Silicon Planar Zener diode in bare die form ??5% tolerance
2N7002 SS-2N7002 Datasheet
620Kb / 4P
Small Signal MOSFET Bare Die
2N7000 SS-2N7000 Datasheet
730Kb / 4P
Small Signal MOSFET Bare Die
54LVC1G34 SS-54LVC1G34 Datasheet
527Kb / 6P
Single Buffer Gate in bare die form
74LVC1G34 SS-74LVC1G34 Datasheet
484Kb / 6P
Single Buffer Gate in bare die form
74HC154 SS-74HC154 Datasheet
1Mb / 6P
Dual 1-of-16 Decoder / Demultiplexer in bare die form
Rev 1.0 30/05/22
78L05AC SS-78L05AC_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
78L05 SS-78L05_V01 Datasheet
295Kb / 4P
Positive Fixed 5V Voltage Regulator in bare die form
Rev 1.0 06/07/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com