Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6387 Datasheet(PDF) 8 Page - STMicroelectronics

Part # A6387
Description  High voltage high- and low-side driver for automotive applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6387 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button A6387 Datasheet HTML 4Page - STMicroelectronics A6387 Datasheet HTML 5Page - STMicroelectronics A6387 Datasheet HTML 6Page - STMicroelectronics A6387 Datasheet HTML 7Page - STMicroelectronics A6387 Datasheet HTML 8Page - STMicroelectronics A6387 Datasheet HTML 9Page - STMicroelectronics A6387 Datasheet HTML 10Page - STMicroelectronics A6387 Datasheet HTML 11Page - STMicroelectronics A6387 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Bootstrap driver
A6387
8/14
DocID023386 Rev 5
5
Bootstrap driver
A bootstrap circuitry is needed to supply the high voltage section. This function is normally
accomplished by a high voltage fast recovery diode (Figure 5 a). In the A6387 device
a patented integrated structure replaces the external diode. It is realized by a high voltage
DMOS, driven synchronously with the low-side driver (LVG), with a diode in series, as
shown in Figure 5 b. An internal charge pump (Figure 5 b) provides the DMOS driving
voltage.
CBOOT selection and charging
To choose the proper CBOOT value the external MOS can be seen as an equivalent
capacitor. This capacitor CEXT is related to the MOS total gate charge:
Equation 1
The ratio between the capacitors CEXT and CBOOT is proportional to the cyclical voltage loss.
It must be:
C
BOOT
>>>C
EXT
For example: if Qgate is 30 nC and Vgate is 10 V, CEXT is 3 nF. With CBOOT = 100 nF the drop
would be 300 mV.
If HVG must be supplied for a long period, the CBOOT selection must take into account also
the leakage and quiescent losses.
For example: HVG steady-state consumption is lower than 100
A, therefore, if HVG TON is
5 ms, CBOOT must supply 0.5 C to CEXT. This charge on a 1 F capacitor means a voltage
drop of 0.5 V.
The internal bootstrap driver offers a big advantage: the external fast recovery diode can be
avoided (it usually has very high leakage current).
This structure can work only if VOUT is close to GND (or lower) and, in the meantime, the
LVG is on. The charging time (Tcharge) of the CBOOT is the time in which both conditions are
fulfilled and it must be long enough to charge the capacitor.
The bootstrap driver introduces a voltage drop due to the DMOS RDSon (typical value:
125
). This drop can be neglected at low switching frequency, but it should be taken into
account when operating at high switching frequency.
Equation 2 is useful to compute the drop on the bootstrap DMOS:
Equation 2
where Qgate is the gate charge of the external power MOS, RDSon is the ON-resistance of
the bootstrap DMOS, and Tcharge is the charging time of the bootstrap capacitor.
CEXT
Qgate
Vgate
---------------
=
Vdrop
Ich e
arg Rdson
Vdrop
Qgate
Tch e
arg
-------------------Rdson
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com