Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6387 Datasheet(PDF) 4 Page - STMicroelectronics

Part # A6387
Description  High voltage high- and low-side driver for automotive applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6387 Datasheet(HTML) 4 Page - STMicroelectronics

  A6387 Datasheet HTML 1Page - STMicroelectronics A6387 Datasheet HTML 2Page - STMicroelectronics A6387 Datasheet HTML 3Page - STMicroelectronics A6387 Datasheet HTML 4Page - STMicroelectronics A6387 Datasheet HTML 5Page - STMicroelectronics A6387 Datasheet HTML 6Page - STMicroelectronics A6387 Datasheet HTML 7Page - STMicroelectronics A6387 Datasheet HTML 8Page - STMicroelectronics A6387 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin connection
A6387
4/14
DocID023386 Rev 5
2
Pin connection
Figure 2. Pin connection (top view)
Table 4. Pin description
No.
Pin
Type
Function
1
LIN
I
Low-side driver logic input
2
HIN
I
High-side driver logic input
3
Vcc
P
Low voltage power supply
4
GND
P
Ground
5
LVG (1)
1. The circuit provides less than 1 V on the LVG and HVG pins (at Isink = 10 mA). This allows the omitting of
the “bleeder” resistor connected between the gate and the source of the external MOSFET normally used
to hold the pin low.
O
Low-side driver output
6
OUT
P
High-side driver floating reference
7
HVG (1)
O
High-side driver output
8
Vboot
P
Bootstrap supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com