Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6387 Datasheet(PDF) 10 Page - STMicroelectronics

Part # A6387
Description  High voltage high- and low-side driver for automotive applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6387 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A6387 Datasheet HTML 6Page - STMicroelectronics A6387 Datasheet HTML 7Page - STMicroelectronics A6387 Datasheet HTML 8Page - STMicroelectronics A6387 Datasheet HTML 9Page - STMicroelectronics A6387 Datasheet HTML 10Page - STMicroelectronics A6387 Datasheet HTML 11Page - STMicroelectronics A6387 Datasheet HTML 12Page - STMicroelectronics A6387 Datasheet HTML 13Page - STMicroelectronics A6387 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical characteristic
A6387
10/14
DocID023386 Rev 5
6
Typical characteristic
Figure 6. Typical rise and fall times vs.
load capacitance
Figure 7. Quiescent current vs. supply
voltage
Figure 8. Turn-on time vs. temperature
Figure 9. Turn-off time vs. temperature
Figure 10. Output source current vs.
temperature
Figure 11. Output sink current vs.
temperature
For both high and low side buffers @25˚C Tamb
0
1
2
3
4
5
C (nF)
0
50
100
150
200
250
time
(nsec)
Tr
D99IN1054
Tf
0
2468
10
12
14
16
VS(V)
10
10
2
10
3
10
4
Iq
(
μA)
D99IN1055
-45
-25
0
25
50
75
100 125
0
50
100
150
200
250
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
255075
100 125
0
50
100
150
200
250
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100 125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 15V
-45
-25
0
25
50
75
100 125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com