Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS30AT Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS30AT
Description  Low-cost Digital Bipolar Hall-effect Sensor ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS30AT Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS30AT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Sensing and Productivity Solutions
Low-cost Digital Bipolar Hall-effect Sensor ICs,
SS41F, SS41G
Table 1. SS41F Electrical and Environmental Specifications
(At V
supply = 4.5 Vdc to 24.0 Vdc, 20 mA load, T
A = 25 ºC [77 ºF] except where otherwise specified.
Characteristic
CCondition
Min.
Typ.
Max.
Unit
Supply voltage
—
4.5
—
24.0
Vdc
Supply current
—
—
6.8
10.0
mA
Output current
—
—
—
20.0
mA
V
sat at 15 mA
V
supply = 12 Vdc, Bop >170
—
—
0.4
V
Output leakage current
V
supply = 24 Vdc, Brp <-170
—
—
10.0
uA
Rise time
V
supply = 4.5 Vdc
—
0.5
1.5
us
Fall time
V
supply = 4.5 Vdc
—
0.2
1.5
us
Magnetic characteristics:
operate (Bop)
release (Brp)
differential
—
—
—
—
-150
40
40
-40
—
150
—
—
Gauss
Operating temperature
—
-40 [-40]
—
150 [302]
°C [°F]
Storage temperature
—
-40 [-40]
—
150 [302]
°C [°F]
ESD (Human Body Model)
per JEDEC JS-001
3-3
—
+3
kV
Soldering temperature and time
PC board wave soldering process: 250 °C to 260 °C [482 °F to 500 °F] for 3 s max.
NOTICE
These Hall-effect sensor ICs may have an
initial output in either the ON or OFF state
if powered up with an applied magnetic
field in the differential zone (applied
magnetic field >Brp and <Bop). Honeywell
recommends allowing 10 μs after supply
voltage has reached 3 V for the output
voltage to stabilize.
NOTICE
The magnetic field strength (Gauss)
required to cause the switch to change
state (operate and release) will be as
specified in the magnetic characteristics.
To test the switch against the specified
limits, the switch must be placed in a
uniform magnetic field.
Table 2. SS41G Electrical and Environmental Specifications
(At Vsupply = 4.5 Vdc to 24.0 Vdc, 20 mA load, TA = -40 ºC to 150 ºC [-40 ºF to 302 ºF] except where otherwise specified.
Characteristic
CCondition
Min.
Typ.
Max.
Unit
Supply voltage
—
4.5
—
24.0
Vdc
Supply current:
ouptut off
output on
—
—
—
—
6.8
—
10.0
11.3
mA
Output current
—
—
—
20.0
mA
V
sat at 20 mA
V
supply = 12.0 Vdc, Brp >170, 25 ºC [77 ºF]
—
—
0.4
V
Output leakage current
V
supply = 24.0 Vdc, Brp <-170
—
—
10.0
μA
Rise time
25 ºC [77 ºF]
—
0.5
1.5
μs
Fall time
25 ºC [77 ºF]
—
0.2
1.5
μs
Magnetic characteristics:
operate (Bop)
operate (Bop)
release (Brp)
release (Brp)
differential
25 ºC [77 ºF]
—
25 ºC [77 ºF]
—
—
—
—
-140
-250
40
40
—
-40
—
—
150
250
—
—
—
Gauss
Operating temperature
—
-40 [-40]
—
150 [302]
°C [°F]
Storage temperature
—
-40 [-40]
—
150 [302]
°C [°F]
ESD (Human Body Model)
per JEDEC JS-001
--3
—
+3
kV
Soldering temperature and time
PC board wave soldering process: 250 °C to 260 °C [482 °F to 500 °F] for 3 s max.
CAUTION
ELECTROSTATIC
SENSITIVE
DEVICES
DO NOT OPEN OR HANDLE
EXCEPT AT A
STATIC FREE WORKSTATION
ESD SENSITIVITY:
CLASS 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com