Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS30AT Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # SS30AT
Description  Low-cost Digital Bipolar Hall-effect Sensor ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS30AT Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  SS30AT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Sensing and Productivity Solutions
Low-cost Digital Bipolar Hall-effect Sensor ICs,
SS41F, SS41G
Figure 4. SS41 F, SS41G Sensor IC Mounting Dimensions (For reference only. mm/in.)
3,00
[0.118]
14,5
[0.571]
3X 0,38
[0.015]
4,00
[0.157]
2,50
[0.098]
3X 0,38
[0.015]
0,75
[0.030]
1,52
[0.060]
1,74
[0.069]
3X 0,56 Max.
[0.022]
2X 1,27
[0.05]
Ground
Output
Vs
0,45
[0.018]
NS
41F
Table 4. Order Guide
Catalog
Listing
Description
SS41F
Low-cost digital bipolar Hall-effect sensor IC, tested at 25 °C [77 °F], flat TO-92-style
package, bulk packaging (1000 units per bag)
SS41G
Low-cost digital bipolar Hall-effect sensor IC, tested at 25 °C [77 °F] and 125 °C
[257 °F], flat TO-92-style package, bulk packaging (1000 units per bag)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com