Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS30AT Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS30AT
Description  Low-cost Digital Bipolar Hall-effect Sensor ICs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS30AT Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS30AT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS30AT Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Sensing and Productivity Solutions
Datasheet
Low-cost Digital Bipolar Hall-effect Sensor ICs,
SS41F, SS41G
DESCRIPTION
The SS41F and SS41G are small, versatile digital Hall-effect
devices that are operated by the magnetic field from a
permanent magnet or an electromagnet, and are designed to
respond to alternating North and South poles.
A built-in regulator provides enhanced stability of operation
over 4.5 Vdc to 24 Vdc supply voltage range, and internal
circuitry is designed to prevent sensor damage in case the
supply voltage polarity is accidentally reversed.
The open-collector sinking output voltage is easily interfaced
with a wide variety of electronic circuits.
The SS41F is factory tested at 25 °C [77 °F] and the SS41G is
factory tested at both 25 °C [77 °F] and 125 °C [257 °F].
Both products are designed for high volume applications.
These products are available in one package style:
•
SS41F, SS41G: Flat TO-92-style package with straight leads
in bulk packaging which allows for a compact PC board
layout
FEATURES
• Small, leaded, flat TO-92-style package allows for a compact
PCB layout
• Wide operating voltage range of 4.5 Vdc to 24 Vdc allows
these sensors to be used in a variety of applications
• Current consumption of only 5 mA max. at 4.5 Vdc for energy
efficiency
• Bipolar magnetics for ring magnet applications with
alternating North and South poles
• Robust design: Will operate up to 150 °C [302 °F]
• RoHS-compliant materials meet Directive 2002/95/EC
POTENTIAL APPLICATIONS
Transportation
• Speed and RPM sensing
• Commutation and control of electric motors used in
transportation
Industrial and Commercial
• Flow-rate sensing for appliances
• Tachometer counter pickup
• Brushless dc motor commutation
• Motor and fan control for commercial, consumer or industrial
equipment
Medical
• Any medical equipment or instruments using electric motors
PORTFOLIO
The SS41F, SS41G are part of Honeywell’s family of low-cost
digital bipolar Hall-effect sensor ICs, including:
• SS30AT, SS40A, SS50AT
• SS311PT, SS411P
• SS411A, SS413A
• SS51T, SS511AT, SS513AT
32312814
Issue A


Similar Part No. - SS30AT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
More results

Similar Description - SS30AT

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
Micronas
HAL1XY MICRONAS-HAL1XY_1 Datasheet
197Kb / 2P
Low-Cost Hall-Effect Sensor Family
HAL2XY MICRONAS-HAL2XY_1 Datasheet
477Kb / 2P
Low-Cost Hall-Effect Sensor Family
logo
Honeywell Solid State E...
SS361CT HONEYWELL-SS361CT Datasheet
388Kb / 4P
High Sensitivity Bipolar Latching,Hall-Effect Digital Sensor ICs
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
Linear Hall-Effect Sensor ICs
SS449A-T3 HONEYWELL-ACC-SS449A-T3 Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
SS400 HONEYWELL-SS400_V01 Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com