Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4436ICT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4436ICT
Description  Adjustable 0.6V Open Collector Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4436ICT Datasheet(HTML) 2 Page - STMicroelectronics

  TS4436ICT Datasheet HTML 1Page - STMicroelectronics TS4436ICT Datasheet HTML 2Page - STMicroelectronics TS4436ICT Datasheet HTML 3Page - STMicroelectronics TS4436ICT Datasheet HTML 4Page - STMicroelectronics TS4436ICT Datasheet HTML 5Page - STMicroelectronics TS4436ICT Datasheet HTML 6Page - STMicroelectronics TS4436ICT Datasheet HTML 7Page - STMicroelectronics TS4436ICT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings and Operating Conditions
TS4436
2/8
1
Absolute Maximum Ratings and Operating
Conditions
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
ISINK
Output sink current
30
mA
VCC
Supply voltage
12
V
VSINK
Output voltage
12
V
Pdiss
Power Dissipation (1)SOT23-5
1.
Pdiss has been calculated with TAMB = 25°C, TJunction=150°C and
RthJA = 250°C/W for the SOT23-5 package
RthJC = 81°C/W for the SOT23-5 package
mW
Pdiss
Power Dissipation (2)SC70
2.
Pdiss has been calculated with TAMB = 25°C, TJunction=150°C and
RthJA = 250°C/W for the SOT23-5 package
RthJC = 81°C/W for the SOT23-5 package
310
mW
TSTD
Storage Temperature
-65 to +150
°C
ESD
Human Body Model (HBM)
2
kV
Machine Model (MM)
200
V
TLEAD
Lead Temperature (soldering, 10 seconds)
250
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
TOPER
Operating temperature range
-40 to +85
°C
VCC
Supply voltage
1.7 to 10
V
ISINK
Output sink current
up to 20
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com