Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4436ICT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4436ICT
Description  Adjustable 0.6V Open Collector Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4436ICT Datasheet(HTML) 5 Page - STMicroelectronics

  TS4436ICT Datasheet HTML 1Page - STMicroelectronics TS4436ICT Datasheet HTML 2Page - STMicroelectronics TS4436ICT Datasheet HTML 3Page - STMicroelectronics TS4436ICT Datasheet HTML 4Page - STMicroelectronics TS4436ICT Datasheet HTML 5Page - STMicroelectronics TS4436ICT Datasheet HTML 6Page - STMicroelectronics TS4436ICT Datasheet HTML 7Page - STMicroelectronics TS4436ICT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Electrical Characteristics
TS4436
5/8
Figure 2.
Vref vs. temperature
Figure 3.
Vref vs. temperature
Figure 4.
ICC vs. temperature
Figure 5.
ICC at 25°C
Figure 6.
VSAT vs. temperature
Figure 7.
Vref vs. temperature
0.5995
0.6
0.6005
0.601
0.6015
0.602
-40
-20
0
25
50
85
Temperature (°C)
Vcc=1.8V Isink=2mA
0.5995
0.6
0.6005
0.601
0.6015
0.602
-40
-20
0
25
50
85
Temperature (°C)
Vcc=10V Isink=2mA
Vcc=1.7V Isink=2mA
0
50
100
150
200
250
-40
-20
0
255085
Temperature (°C)
Vcc=1.8V Isink=2mA
0
10
20
30
40
50
60
Icc < 160
Icc < 165
Icc < 170
Icc < 175
Icc range (µA)
Vcc=1.8V Isink=2mA
0
10
20
30
40
50
60
70
80
-40
-20
0
25
50
85
Temperature (°C)
Vcc=1.8V Isink=20mA
Vcc=1.8V Isink=5mA
0.594
0.596
0.598
0.6
0.602
0.604
0.606
0.608
0.61
0.612
-40
-20
0
25
50
85
Temperature (°C)
Vcc=1.8V Isink 0.1mA
Vcc=1.8V Isink 20mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com