Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4436ICT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4436ICT
Description  Adjustable 0.6V Open Collector Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4436ICT Datasheet(HTML) 1 Page - STMicroelectronics

  TS4436ICT Datasheet HTML 1Page - STMicroelectronics TS4436ICT Datasheet HTML 2Page - STMicroelectronics TS4436ICT Datasheet HTML 3Page - STMicroelectronics TS4436ICT Datasheet HTML 4Page - STMicroelectronics TS4436ICT Datasheet HTML 5Page - STMicroelectronics TS4436ICT Datasheet HTML 6Page - STMicroelectronics TS4436ICT Datasheet HTML 7Page - STMicroelectronics TS4436ICT Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 2006
Revision 1
1/8
8
TS4436
Adjustable 0.6V Open Collector Shunt Voltage Reference
Internal 0.6V ±0.5% precision
Low output saturation voltage
75mV max. between SINK and GND
Low current consumption: 150
µA
Low supply voltage 1.7V
Industrial temperature range: -40 to +85°C
150ppm/°C temperature coefficient
Lead free available
Description
The TS4436 is a four-terminal device dedicated to
low voltage Switch Mode Power Supplies
(SMPS).
It integrates a 0.6V voltage reference, an
amplifier, and an open collector output transistor
in a single package. The TS4436’s operating
mode is similar to the well-known standard
voltage reference, the TL431. It maintains the
desired feedback voltage at the REF pin in a
closed loop configuration by sinking a current
proportional to the error voltage at the REF pin.
TS4436 features an open collector transistor with
an ultra-low saturation voltage. This feature allows
it to be used in series with the optocoupler in an
SMPS for regulation up to a 1.8V output voltage.
Applications
Low voltage switch mode power supplies
Isolated DC/DC converter
Computers
Low voltage discrete regulators
Order Codes
SC70
(Plastic Micropackage)
Pin connections (top view)
1
2
34
5
PGND
GND
REF
V
SINK
CC
1
2
34
5
PGND
GND
REF
V
SINK
CC
Part Number
Accuracy
Temperature Range
Package
Packing
Marking
TS4436AICT
0.5%
-40, +85°C
SC70
Tape & Reel
L22
TS4436ICT
1%
L21
www.st.com


Similar Part No. - TS4436ICT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4431 STMICROELECTRONICS-TS4431 Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
Nov-2005
TS4431AILT STMICROELECTRONICS-TS4431AILT Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
Nov-2005
TS4431ILT STMICROELECTRONICS-TS4431ILT Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
Nov-2005
More results

Similar Description - TS4436ICT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
STMicroelectronics
TS4431 STMICROELECTRONICS-TS4431 Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
Nov-2005
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 2
ZXRE060 DIODES-ZXRE060_11 Datasheet
414Kb / 12P
0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 6
ZXRD060 DIODES-ZXRD060 Datasheet
823Kb / 12P
0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 4
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
Precision adjustable shunt voltage reference
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com