Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6508 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-13-
SD[7:6]
Number of Tries of Excessive Collisions Before Dropping:
RETRY_EXCE_COLL [1:0] == 2’ b11 => 3 tries (default)
RETRY_EXCE_COLL [1:0] == 2’ b10 => 2 tries
RETRY_EXCE_COLL [1:0] == 2’ b01 => retry forever
RETRY_EXCE_COLL [1:0] == 2’ b00 => 1 try
Internally, retry_no = RETRY_EXCE_COLL, or infinite if it is zero.
By default, after 3 tries (i.e. 3 turns of (excessive) 16 collisions), the outgoing packet will
be dropped.
SD[15:8]
(reserved with default value “pull-high”)
SD[17,16]
Trunking Mode:
SD16 == 1, port (0,1) no trunking (default)
0, port (0,1) in trunking mode,
SD17 == 1, port (6,7) no trunking (default)
0, port (6,7) in trunking mode.
To simplify layout, trunk group (6,7) can connect with neighboring (right-side)
VT6508’ s trunk group (0,1) in on-board manner.
Note that on-board trunk ports do not need auto-polling and they must be full-duplex &
100Mbps ports & forced flow control enable mode.
SD[18]
Enable Backpressure:
BACKPRESSURE_EN [0] == 1’ b1 => enabled (default)
BACKPRESSURE_EN [1] == 1’ b0 => disabled
Note that if it is disabled, all TMAC of half-duplex ports will ignore the flow control
XON/XOFF signals from Queue Control.
SD[20:19]
Enable RMII Port Flow Control:
RMII_PORT_FC_EN[1:0] == 2’ b11 => for RMII ports, set self flow control ability
register bit and detect party’ s flow control ability (default)
RMII_PORT_FC_EN[1:0] == 2’ b10 => for RMII ports, disable self flow control ability
register bit and assume (ignore auto-polling) party has no flow control capability
RMII_PORT_FC_EN[1:0] == 2’ b01 => for RMII ports, enable self flow control ability
register bit and assume (ignore auto-polling) party has flow control capability
RMII_PORT_FC_EN[1:0] == 2’ b00 => same as 2’ b11.
While enabled (RMII_PORT_FC_EN[1:0] == 2’ b11 or 2’ b00), set self each PHY
device’ s flow control ability register bit PHY_ANAR_4.10 as 1, and auto polling
PHY_ANLPAR_5.10 to check whether the party has the flow control capability.
While forced disabling (RMII_PORT_FC_EN[1:0] == 2’ b10), set self PHY devices’
flow control ability register bit PHY_ANAR_4.10 as 0 (no such capability), and does not
need auto polling PHY_ANLPAR_5.10.
While forced disabling (RMII_PORT_FC_EN[1:0] == 2’ b01), set self PHY devices’
flow control ability register bit PHY_ANAR_4.10 as 1 (with flow control capability), and
does not need auto polling PHY_ANLPAR_5.10.
For forced disabling, turn off flow control enable bits of all RMII ports.
For (forced) enabling, turn on flow control enable bits of all RMII ports.
SD[23:21]
LED Serial-Out Mask for Groups 0,1,2,3 [3:0]:
LED_MASK[0] == 1’ b1 => enable group 0 data out (default)
LED_MASK[1] == 1’ b1 => enable group 1 data out (default)
LED_MASK[2] == 1’ b1 => enable group 2 data out (default)
LED Groups 3,4,5 serial out is always enabled. The time period of LED sequence is
50ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com