Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6508 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-19-
(3) bits 30..20: Packet Byte Count
(4) bits 34..31: Source Port ID
The number of packet buffers is determined by the configured SRAM size, listed as follows:
SRAM Size
128KB
256KB
512KB
1MB
maximum # of packet buffers
64 buffers
149 buffers
320 buffers
661 buffers
2.3 RMII INTERFACE
The VT6508 can directly connect to an 8 port RMII PHY device through the reduced
MII (RMII) interface to construct a small-sized system board. The signals of RMII interface
are described as follows:
Name
Type
Description
CRSDV
I
Carrier sense and Data
valid
RXD[0-1]
I
Receive data bit 0 to 1 ,
data rate with 50MHz
TXEN
O
Transmit Enable
TXD[0-1]
O
Transmit Data bit 0 to
1
2.3 MANAGEMENT INTERFACE AND AUTO NEGOTIATION
The VT6508 communicates with the external 10/100M PHY and access the PHY
register through MDC, MDIO
. The signals of management interface are described as follows:
Name
Type
Description
MDC
O
management interface
clock
MDIO
IO
management interface
data signal
Auto-polling state machine:
step1. Auto-polling idle
- if auto-polling_command=”on” then go to step2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com