Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6508 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VT6508
Description  8 RMII PORTS OF 10/100BASE-T/TX ETHERNET SWITCH CONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT6508 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VT6508 Datasheet HTML 17Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 18Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 19Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 20Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 21Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 22Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 23Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 24Page - List of Unclassifed Manufacturers VT6508 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
VIA Technologies, Inc.
Preliminary VT6508 Datasheet
-21-
*if chip_internal_reg for link status is “down”=> generate link_change
interrupt and disable io_port
Step8. Read PHY ANAR(Reg4) and ANLPAR(Reg5)
- if speed_arbit_bit =”0”(speed from PHY proprietary reg), then go to step9
- if speed_arbit_bit =”1”(speed from ANLPAR), then go to step10
* generate link_change interrupt and enable io_port
Step9. Read PHY proprietary Reg for RMII speed, then go to step10
* generate link_change interrupt and enable io_port
Step10. Done
- if auto-polling_command = “off”, then go to step1, and stay idle
- else go to step2, for next port.
Duplex mode decision rule:
RMII_DUPLEX_MODE = ~( ( ANAR.8 = 1 and ANLPAR.8 =1:100BASE-TX Full )
or ( ( ANAR.7 =0 or ANLPAR.7 =0) and ANAR.6 =1 and ANLPAR.6=1))
Note that value 1 denotes half duplex, 0 denotes full duplex.
Speed decision rule:
According to ANLPAR,
- if ~((ANLPAR.9=1 or ANLPAR.8=1 or ANLPAR.7=1)
then speed = 10MHz
2.4 FLOW CONTROL
In VT6508, there are three policies of resource management for different objectives:
(1) flow control for full-duplex ports
Objective: slow down the input traffic without incurring any drops.
(2) backpressure for half-duplex ports
Objective: slow down the input traffic with intended collision and the Ethernet backoff
mechanism.
(3) drop control for private buffer reservation
Objective: shape the input traffic to be compliant to the buffer reservation discipline.
In the following, we call “congestion control” as aggregation of the above three policies.
The application conditions of resource management policies are as follows:
(1) flow control for full-duplex ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com