Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2DW12 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 9Page - STMicroelectronics AIS2DW12 Datasheet HTML 10Page - STMicroelectronics AIS2DW12 Datasheet HTML 11Page - STMicroelectronics AIS2DW12 Datasheet HTML 12Page - STMicroelectronics AIS2DW12 Datasheet HTML 13Page - STMicroelectronics AIS2DW12 Datasheet HTML 14Page - STMicroelectronics AIS2DW12 Datasheet HTML 15Page - STMicroelectronics AIS2DW12 Datasheet HTML 16Page - STMicroelectronics AIS2DW12 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
DocID031240 Rev 4
13/60
AIS2DW12
Mechanical and electrical specifications
60
2.3
Temperature sensor characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted
Table 6. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
Top
Operating temperature range
-40
+85
°C
Toff
Temperature offset(2)
-15
+15
°C
TSDr
Temperature sensor output change vs. temperature
1(3)
LSB/°C
16(4)
TODR
Temperature refresh rate for ODRs equal to 100Hz and 50 Hz
50
Hz
Temperature refresh rate for ODR equal to 25 Hz
25
Temperature refresh rate for ODR equal to 12.5 Hz
12.5
Temperature refresh rate for ODR equal to 1.6 Hz
1.6
1. Typical specifications are not guaranteed.
2. The output of the temperature sensor is 0 LSB (typ.) at 25 °C.
3. 8-bit resolution.
4. 12-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com