Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2DW12 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 17Page - STMicroelectronics AIS2DW12 Datasheet HTML 18Page - STMicroelectronics AIS2DW12 Datasheet HTML 19Page - STMicroelectronics AIS2DW12 Datasheet HTML 20Page - STMicroelectronics AIS2DW12 Datasheet HTML 21Page - STMicroelectronics AIS2DW12 Datasheet HTML 22Page - STMicroelectronics AIS2DW12 Datasheet HTML 23Page - STMicroelectronics AIS2DW12 Datasheet HTML 24Page - STMicroelectronics AIS2DW12 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DocID031240 Rev 4
21/60
AIS2DW12
Terminology and functionality
60
With this feature the system may be efficiently switched from 12.5 Hz to full performance
depending on user-selectable positioning and acceleration events, thus ensuring power
saving and flexibility.
The stationary/motion detection function only recognizes the device’s sleep state.
When the stationary/motion detection function is activated by setting the STATIONARY bit in
WAKE_UP_DUR (35h), the AIS2DW12 detects acceleration below a fixed threshold but
does not change either ODR or operating mode after sleep state detection.
The Activity/Inactivity recognition and stationary/motion detection functions are activated by
writing the desired threshold in the WAKE_UP_THS (34h) register. The high-pass filter is
automatically enabled.
If the device is in sleep (inactivity/stationary) mode, when at least one of the axes exceeds
the threshold in WAKE_UP_THS (34h), the device goes into a sleep-to-wake state (as
wake-up).
For the activity/inactivity function, the device, in a wake-up state, will return to the operating
mode and ODR before sleep state detection.
Activity/Inactivity, stationary/motion detection threshold and duration can be configured in
the following control registers:
WAKE_UP_THS (34h)
WAKE_UP_DUR (35h)
3.2.5
Offset management
The user can manage offset in the output or for wakeup detection using dedicated
embedded hardware (see Section 5.1: Block diagram of filters).
3.3
Sensing element
A proprietary process is used to create a surface micromachined accelerometer. The
technology allows processing suspended silicon structures which are attached to the
substrate in a few points called anchors and are free to move in the direction of the sensed
acceleration. In order to be compatible with the traditional packaging techniques, a cap is
placed on top of the sensing element to avoid blocking the moving parts during the molding
phase of the plastic encapsulation. When an acceleration is applied to the sensor the proof
mass displaces from its nominal position, causing an imbalance in the capacitive half-
bridge. This imbalance is measured using charge integration in response to a voltage pulse
applied to the capacitor.
At steady-state the nominal value of the capacitors are a few pF and when an acceleration
is applied, the maximum variation of the capacitive load is in the fF range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com