Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS2DW12 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AIS2DW12
Description  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AIS2DW12 Datasheet HTML 35Page - STMicroelectronics AIS2DW12 Datasheet HTML 36Page - STMicroelectronics AIS2DW12 Datasheet HTML 37Page - STMicroelectronics AIS2DW12 Datasheet HTML 38Page - STMicroelectronics AIS2DW12 Datasheet HTML 39Page - STMicroelectronics AIS2DW12 Datasheet HTML 40Page - STMicroelectronics AIS2DW12 Datasheet HTML 41Page - STMicroelectronics AIS2DW12 Datasheet HTML 42Page - STMicroelectronics AIS2DW12 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
DocID031240 Rev 4
39/60
AIS2DW12
Register description
60
8
Register description
8.1
OUT_T_L (0Dh)
Temperature output register in 12-bit resolution (r).
8.2
OUT_T_H (0Eh)
Temperature output register in 12-bit resolution (r).
8.3
WHO_AM_I (0Fh)
Who_AM_I register (r). This register is a read-only register. Its value is fixed at 44h.
Table 21. OUT_T_L register
TEMP3
TEMP2
TEMP1
TEMP0
0
0
0
0
Table 22. OUT_T_L register description
TEMP[3:0]
The 8 least significant bits of the temperature sensor output. Sensitivity = 16 LSB/°C.
Together with OUT_T_H (0Eh), it forms the output value expressed as a 16-bit word
in 2's complement.
Table 23. OUT_T_H register
TEMP11
TEMP10
TEMP9
TEMP8
TEMP7
TEMP6
TEMP5
TEMP4
Table 24. OUT_T_H register description
TEMP[11:4]
The 8 most significant bits of the temperature sensor output. Sensitivity = 16 LSB/°C.
Together with OUT_T_L (0Dh), it forms the output value expressed as a 16-bit word
in 2's complement
Table 25. WHO_AM_I register default values
01000100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com