Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO621 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STISO621
Description  Dual channel digital isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO621 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STISO621 Datasheet HTML 5Page - STMicroelectronics STISO621 Datasheet HTML 6Page - STMicroelectronics STISO621 Datasheet HTML 7Page - STMicroelectronics STISO621 Datasheet HTML 8Page - STMicroelectronics STISO621 Datasheet HTML 9Page - STMicroelectronics STISO621 Datasheet HTML 10Page - STMicroelectronics STISO621 Datasheet HTML 11Page - STMicroelectronics STISO621 Datasheet HTML 12Page - STMicroelectronics STISO621 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
6
Description
The STISO621 is a dual high-speed isolated communication channel. It integrates one channel for each
communication direction and provides low levels of pulse width distortion in the full operation range.
6.1
Device operation
The device operation is described in the following table:
Table 9. Device operation table
VDD1
VDD2
TX1
RX2
TX2
RX1
Above UVLO
Above UVLO
H
H
H
H
L
L
H
H
H
H
L
L
L
L
L
L
Below UVLO
Above UVLO
X
L(1)
X
Unknown
Above UVLO
Below UVLO
X
Unknown
X
L(1)
Below UVLO
Below UVLO
X
Unknown
X
Unknown
1. Safe state imposed by default after the watchdog timeout.
Figure 3. Timing diagram
TXinput
RXoutput
VDD
TX/ 3
VDD
RX/ 2
VDD
RX/ 2
90 %
10 %
90 %
10 %
t
DLH
t
r
t
W
t
W
1/f
IN
t
f
t
DHL
STISO621
Description
DS13394 - Rev 3
page 9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com