Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO621 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STISO621
Description  Dual channel digital isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO621 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STISO621 Datasheet HTML 13Page - STMicroelectronics STISO621 Datasheet HTML 14Page - STMicroelectronics STISO621 Datasheet HTML 15Page - STMicroelectronics STISO621 Datasheet HTML 16Page - STMicroelectronics STISO621 Datasheet HTML 17Page - STMicroelectronics STISO621 Datasheet HTML 18Page - STMicroelectronics STISO621 Datasheet HTML 19Page - STMicroelectronics STISO621 Datasheet HTML 20Page - STMicroelectronics STISO621 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
List of tables
Table 1.
Absolute maximum ratings ............................................................. 3
Table 2.
ESD protection ratings ................................................................ 3
Table 3.
Recommended operating conditions....................................................... 3
Table 4.
Electrical characteristics at VDD1 = VDD2 = 5V ............................................... 3
Table 5.
Electrical characteristics at VDD1 = VDD2 = 3V ............................................... 4
Table 6.
Isolation specifications ................................................................ 6
Table 7.
Isolation characteristics................................................................ 6
Table 8.
Pin description...................................................................... 8
Table 9.
Device operation table ................................................................ 9
Table 10.
SO8 wide package dimensions ......................................................... 11
Table 11.
SO8 narrow package dimensions........................................................ 13
Table 12.
Order Information .................................................................. 16
Table 13.
Document revision history ............................................................. 17
STISO621
List of tables
DS13394 - Rev 3
page 19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com