Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STISO621 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STISO621
Description  Dual channel digital isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STISO621 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STISO621 Datasheet HTML 7Page - STMicroelectronics STISO621 Datasheet HTML 8Page - STMicroelectronics STISO621 Datasheet HTML 9Page - STMicroelectronics STISO621 Datasheet HTML 10Page - STMicroelectronics STISO621 Datasheet HTML 11Page - STMicroelectronics STISO621 Datasheet HTML 12Page - STMicroelectronics STISO621 Datasheet HTML 13Page - STMicroelectronics STISO621 Datasheet HTML 14Page - STMicroelectronics STISO621 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
7
Package mechanical data
Table 10. SO8 wide package dimensions
Symbol
Min.
Nom.
Max.
Note
A
2.34
2.64
A1
0.10
0.30
b
0.30
0.51
c
0.20
0.33
D
5.64
6.05
e
1.27 BSC
E1
7.39
7.59
E
10.11
10.52
L
0.61
0.91
h
0.25
0.76
θ
0°
8°
aaa
0.25
bbb
0.25
ccc
0.10
STISO621
Package mechanical data
DS13394 - Rev 3
page 11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com