Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC2H065 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPSC2H065
Description  650 V, 2 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC2H065 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPSC2H065 Datasheet HTML 2Page - STMicroelectronics STPSC2H065 Datasheet HTML 3Page - STMicroelectronics STPSC2H065 Datasheet HTML 4Page - STMicroelectronics STPSC2H065 Datasheet HTML 5Page - STMicroelectronics STPSC2H065 Datasheet HTML 6Page - STMicroelectronics STPSC2H065 Datasheet HTML 7Page - STMicroelectronics STPSC2H065 Datasheet HTML 8Page - STMicroelectronics STPSC2H065 Datasheet HTML 9Page - STMicroelectronics STPSC2H065 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Table 5. DPAK mechanical data
Dim.
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
b
0.64
0.90
0.025
0.035
b4
5.20
5.40
0.205
0.213
c
0.45
0.60
0.018
0.024
c2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.236
0.244
D1
4.95
5.10
5.25
0.195
0.201
0.207
E
6.40
6.60
0.252
0.260
E1
4.60
4.70
4.80
0.181
0.185
0.189
e
2.159
2.286
2.413
0.085
0.090
0.095
e1
4.445
4.572
4.699
0.175
0.180
0.185
H
9.35
10.10
0.368
0.398
L
1.00
1.50
0.039
0.059
(L1)
2.60
2.80
3.00
0.102
0.110
0.118
L2
0.65
0.80
0.95
0.026
0.031
0.037
L4
0.60
1.00
0.024
0.039
R
0.20
0.008
V2
1. Inches dimensions given for reference only
Figure 10. DPAK recommended footprint (dimensions are in mm)
The device must be positioned within
6.3
6.1
10.7
1.5
4.572
A
B
STPSC2H065
DPAK package information
DS12989 - Rev 1
page 7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com