Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC2H065 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC2H065
Description  650 V, 2 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC2H065 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC2H065 Datasheet HTML 1Page - STMicroelectronics STPSC2H065 Datasheet HTML 2Page - STMicroelectronics STPSC2H065 Datasheet HTML 3Page - STMicroelectronics STPSC2H065 Datasheet HTML 4Page - STMicroelectronics STPSC2H065 Datasheet HTML 5Page - STMicroelectronics STPSC2H065 Datasheet HTML 6Page - STMicroelectronics STPSC2H065 Datasheet HTML 7Page - STMicroelectronics STPSC2H065 Datasheet HTML 8Page - STMicroelectronics STPSC2H065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
A
K
Product label
Features
•
No reverse recovery charge in application current range
•
Switching behavior independent of temperature
•
High forward surge capability
•
ECOPACK2 compliant component
•
Power efficient product
Applications
•
Switch mode power supply
•
PFC
•
"DC/DC" converters
•
LLC topologies
•
Boost diode
Description
The SiC diode is an ultra-high performance power Schottky diode. It is manufactured
using a silicon carbide substrate. The wide band gap material allows the design of a
Schottky diode structure with a 650 V rating. Due to the Schottky construction, no
recovery is shown at turn-off and ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of temperature.
Especially suited for use in PFC applications, the STPSC2H065 SiC diode will boost
performance in hard switching conditions.
Product status
STPSC2H065
Product summary
Symbol
Value
IF(AV)
2 A
VRRM
650 V
Tj(max.)
175 °C
VF(typ.)
1.38 V
650 V, 2 A high surge silicon carbide power Schottky diode
STPSC2H065
Datasheet
DS12989 - Rev 1 - April 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC2H065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC2H065-Y STMICROELECTRONICS-STPSC2H065-Y Datasheet
241Kb / 10P
Automotive 650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
STPSC2H065BY-TR STMICROELECTRONICS-STPSC2H065BY-TR Datasheet
241Kb / 10P
Automotive 650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
More results

Similar Description - STPSC2H065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com