Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC2H065 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC2H065
Description  650 V, 2 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC2H065 Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC2H065 Datasheet HTML 1Page - STMicroelectronics STPSC2H065 Datasheet HTML 2Page - STMicroelectronics STPSC2H065 Datasheet HTML 3Page - STMicroelectronics STPSC2H065 Datasheet HTML 4Page - STMicroelectronics STPSC2H065 Datasheet HTML 5Page - STMicroelectronics STPSC2H065 Datasheet HTML 6Page - STMicroelectronics STPSC2H065 Datasheet HTML 7Page - STMicroelectronics STPSC2H065 Datasheet HTML 8Page - STMicroelectronics STPSC2H065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1.1
Characteristics (curves)
Figure 1. Forward voltage drop versus forward current
(typical values, low level)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Ta=150 °C
Ta=175 °C
Ta=25 °C
Pulse test : tp=500µs
Ta=100 °C
A)
IF(
VF (V)
Figure 2. Forward voltage drop versus forward current
(typical values, high level)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
Ta=150 °C
Ta=175 °C
Ta=25 °C
Pulse test : tp=500µs
Ta=100 °C
A)
IF(
VF (V)
Figure 3. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
100
150
200
250
300
350
400
450
500
550
600
650
IR(µA)
Tj=25 °C
Tj=150 °C
Tj=175 °C
VR(V)
Figure 4. Peak forward current versus case temperature
0
5
10
15
20
25
0
25
50
75
100
125
150
175
I M (A)
δ =0.1
δ =0.3
δ =0.5
δ =0.7
δ =1
TC(°C)
T
δ=tp/T
tp
STPSC2H065
Characteristics (curves)
DS12989 - Rev 1
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com